Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33970
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40°C < TA < 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT AND CLOCK TIMINGS
SIN, COS Output Turn ON Delay Time (Time from Rising CS Enabling
Outputs to Steady State Coil Voltages and Currents) (14)
tDLY(ON)
–
–
1.0
ms
SIN, COS Output Turn OFF Delay Time (Time from Rising CS Disables
Outputs to Steady State Coil Voltages and Currents) (14)
tDLY(OFF)
–
–
1.0
ms
Uncalibrated Oscillator Cycle Time
tCLU
0.65
1.0
1.7
µs
Calibrated Oscillator Cycle Time
Cal Pulse = 8.0
µs, PECCR D4 = Logic [0]
Cal pulse = 8.0
µs, PECCR D4 = Logic [1]
tCLC
1.0
0.9
1.1
1.0
1.2
1.1
µs
Maximum Pointer Speed (15)
VMAX
–
–
400
°/s
Maximum Pointer Acceleration (15)
AMAX
–
–
4500
°/s2
SPI INTERFACE TIMING (16)
Recommended Frequency of SPI Operation
fSPI
–
1.0
3.0
MHz
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time) (17)
tLEAD
–
50
167
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time) (17)
tLAG
–
50
167
ns
SI to Falling Edge of SCLK (Required Setup Time) (17)
tSISU
–
25
83
ns
Required High State Duration of SCLK (Required Setup Time) (17)
tWSCLKH
–
–
167
ns
Required Low State Duration of SCLK (Required Setup Time) (17)
tWSCLKL
–
–
167
ns
Falling Edge of SCLK to SI (Required Hold Time) (17)
tSI(HOLD)
–
25
83
ns
SO Rise Time
CL = 200 pF
tRSO
–
25
50
ns
SO Fall Time
CL = 200 pF
tFSO
–
25
50
ns
SI, CS, SCLK, Incoming Signal Rise Time (18)
tRSI
–
–
50
ns
SI, CS, SCLK, Incoming Signal Fall Time (18)
tFSI
–
–
50
ns
Falling Edge of RST to Rising Edge of RST (Required Setup Time) (17)
tWRST
–
–
3.0
µs
Rising Edge of CS to Falling Edge of CS (Required Setup Time) (17), (19)
tCS
–
–
5.0
µs
Rising Edge of RST to Falling Edge of CS (Required Setup Time) (17)
tEN
–
–
5.0
µs
Notes
14.
Maximum specified time for the 33970 is the minimum guaranteed time needed from the microcontroller.
15.
The minimum and maximum value will vary proportionally to the internal clock tolerance. These numbers are based on an ideally
calibrated clock frequency of 1.0 MHz. These are not 100 percent tested.
16.
The device shall meet all SPI interface timing requirements specified in the SPI Interface Timing section of this table, over the temperature
range specified. Digital interface timing is based on a symmetrical 50 percent duty cycle SCLK Clock Period of 333 ns. The device shall
be fully functional for slower clock speeds. See Figure 4 and 5.
17.
The maximum setup time specified for the 33970 is the minimum time needed from the microcontroller to guarantee correct operation.
18.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
19.
The value is for a 1.0 MHz calibrated internal clock. The value will change proportionally as the internal clock frequency changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com