Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33970
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
The bits in Table 12 are write-only.
RC12:RC11 (D12:D11)— These bits, along with RC3:RC0
(D3:D0) and RC4 (D4), determine the full step time and,
therefore, the rate at which the pointer will move during an
RTZ event. The values of D12:D11 determine the multiplier
(M) is used in equation (1) (refer to page 17).
RC12:RC11 = M
• 00 = 1
• 01 = 2
• 10 = 4
• 11 = 8 (Not to be used for design)
RC10:RC5 (D10:D5)—These bits determine the value
preloaded into the RTZ integration accumulator to adjust the
detection threshold. Values range from -1 (00000000) to -
1099 (11111111) as shown in Table 14.
RC4 (D4)—This bit determines the RTZ blanking time
(blanking (t)).
• 0 = 512
µs
• 1 = 768
µs
RC3:RC0 (D3:D0)—These bits, along with RC12:RC11
(D12:D11) and RC4 (D4), determine the time variables used
to calculate the full step times with equations (1) or (2)
illustrated above. RC3:RC0 determines the
∆t time. The ∆t
values range from 0 (0000) to 61.440 ms (1111) and are
shown in Table 13. The default
∆t is 0 (0011).
Note Equation (2) (refer to page 17) is only used to
calculate the full step time if RC3:RC0 = 0000. Use
equation (1) for all other combinations of RC3:RC0.
SO Communication
When the CS pin is pulled low, the internal status register,
as configured with the PECCR command bits PE11:PE8, is
loaded into the output register and the data is clocked out
MSB (OD15) first. Following a CS transition 0 to 1, the device
determines if the shifted-in message was of a valid length (a
valid message length is one that is greater than 0 bits and a
multiple of 16 bits), and if so, latches the incoming data into
the appropriate registers.
At this time, the SO pin is tri-stated and the status register
is now able to accept new status information. Fault status
information will be latched and held until the Device Status
Output register is selected and it is clocked out via the SO. If
the message length was determined to be invalid, the fault
information will not be cleared and will be transmitted again
during the next valid SPI message. Pointer status information
bits (e.g., pointer position, velocity, and commanded position
status) will always reflect the real time state of the pointer.
Table 13. RTZCR Full Step Time
RC3
RC2
RC1
RC0
∆t (ms)
0
0
0
0
0
0
0
0
1
4.096
0
0
1
0
8.192
0
0
1
1
12.288
0
1
0
0
16.384
0
1
0
1
20.480
0
1
1
0
24.576
0
1
1
1
28.672
1
0
0
0
32.768
1
0
0
1
36.864
1
0
1
0
40.960
1
0
1
1
45.056
1
1
0
0
49.152
1
1
0
1
53.248
1
1
1
0
57.344
1
1
1
1
61.440
Table 14. RTZCR Accumulator Offset
RC10
RC9
RC8
RC7
RC6
RC5
Preload Value
(PV)
Initial Accumulator
Value = (-16xPV) -1
0
0
0
0
0
0
0
-1
0
0
0
0
0
1
1
-17
0
0
0
0
1
0
2
-33
0
0
0
0
1
1
3
-49
0
0
0
1
0
0
4
-65
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
1
1
1
1
1
63
-1009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com