Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33970
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUTS (continued)
Output Flyback Clamp (10)
VFB
–
VST6 + 0.5 VST6 + 1.0
V
Output Current Limit (Output = VST6)
ILIM
40
100
170
mA
Overtemperature Shutdown (10)
OTSD
155
–
180
°C
Overtemperature Hysteresis (10)
OTHYST
8.0
–
16
°C
CONTROL I/O
Input Logic High Voltage (11)
VIH
2.0
–
–
V
Input Logic Low Voltage (11)
VIL
–
–
0.8
V
Input Logic Voltage Hysteresis (10)
VIN(HYST)
–
100
–
mV
Input Logic Pull Down Current (SI, SCLK)
IDWN
3.0
–
20
µA
Input Logic Pull-Up Current (CS, RST)
IUP
5.0
–
20
µA
SO High-State Output Voltage (IOH = 1.0 mA)
VSOH
0.8 VDD
–
–
V
SO Low-State Output Voltage (IOL = -1.6 mA)
VSOL
–
0.2
0.4
V
SO Tri-State Leakage Current (CS
≥ 3.5 V)
ISOLK
-5.0
0
5.0
µA
Input Capacitance (12)
CIN
–
4.0
12
pF
SO Tri-State Capacitance (12)
CSO
–
–
20
pF
ANALOG TO DIGITAL CONVERTER (RTZ ACCUMULATOR COUNT)
ADC Gain (10), (13)
GADC
100
188
270
Counts/V/
ms
Notes
10.
This parameter is guaranteed by design; however, it is not production tested.
11.
VDD = 5.0 V.
12.
Capacitance not measured. This parameter is guaranteed by design; however, it is not production tested.
13.
Reference Figure 8, RTZ Accumulator (Typical)
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40°C < TA < 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com