Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 36Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33970
TYPICAL APPLICATIONS
INTRODUCTION
7
PECCR
(a) Check the Status of the RTZ by sending the null command to monitor SO bit RTZ0, RTZ1
of Device Status SO
-
Bit PE12 is the null command
Table 7 (page 14),
Table 15 (page 19)
(b) Is RTZ0 (OD2) logic [0]? If not, Gauge 0 still returning and null command should be
resent.
8
RTZ
(a) Return the other gauge to the zero stop. If the second gauge is driving a different pointer
than the first, a new RTZCR command may be required to change the Full Step time.
Table 11 (page 16)
9
PECCR
(a) Check the Status of the RTZ by sending the null command to monitor SO, bit RTZ1 (OD3)
- Bit PE12 is the null command
Table 7 (page 14),
Table 15 (page 19)
(b) Is RTZ1 (OD3) logic [0]? If not, Gauge 1 still returning and null command should be
resent.
10
VELR
(a) Change the maximum velocity of the gauge
- Bits V8:V9 determine which gauge(s) will change the maximum velocity
- Bits V7:V0 determine the maximum velocity position from Table 21, Velocity Table
Table 7 (page 15),
Table 21 (page 24)
11
POS0R
(a) Position Gauge 0 pointer
- Bits P011:P00: Desired Pointer Position
Table 9 (page 16),
Table 21 (page 24)
(b) Check SO for Out-of-Range VPWR
-
Bit OVUV (OD6) logic [1]? If so, use UV (OD8) and OV (OD9) to decide whether to
RTZ after valid VPWR
(c) Check SO for overtemperature
-
Bit OT0 logic [1]? If so, enable driver again. If OT0 continues to indicate
overtemperature, shut down Gauge 0
-
If RTZ0 returns to normal, re-establish the zero reference by RTZ command
12
POS1R
(a) Position Gauge 1 pointer
- Bits P1 11:P1 0: Desired Pointer Position
Table 10 (page 16),
Table 21 (page 24)
(b) Check SO for Out-of-Range VPWR
-
Bit OVUV logic [1]? If so, use UV (OD8) and OV (OD9) to decided whether to RTZ
after valid VPWR
(c) Check SO for overtemperature
- Bit OT1 logic [1]? If so, enable driver again. If OT1 continues to indicate overtemperature,
shut down Gauge 1.
- If OT1 returns to normal, re-establish the zero reference by RTZ command
13
POS0R
(a) Return the pointers close to zero position using POS0R
Table 9 (page 16)
(b) Move pointer position at least 12 microsteps CW to the nearest full step prior to RTZ
14
POS1R
(c) Return the pointers close to zero position using POS1R
Table 10 (page 16)
(d) Move pointer position at least 12 microsteps CW to the nearest full step position prior to
RTZ
(e) Check SO to see if Gauge 0 has moved
- Bit MOV0 logic [1]? If so, Gauge 0 moved to the first microstep
Table 10 (page 16),
Table 15 (page 19)
Table 22. 33970 Setup, Configuration, and Usage Example (continued)
Step
Command
Description
Reference Table
and or Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com