Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33970 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33970
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40°C < TA < 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Fully Operational
Limited Operational (6), (7)
VPWR
6.5
4.0
–
–
26
26
V
VPWR Supply Current
Gauge 1 and 2 Outputs ON, No Output Loads
IPWR(ON)
–
4.0
6.0
mA
VPWR Supply Current (All Outputs Disabled)
Reset = Logic [0], VDD = 5.0 V
Reset = Logic [0], VDD = 0 V
IPWSLP1
IPWRSLP2
–
–
42
15
60
25
µA
Overvoltage Detection Level (8)
VPWROV
26
32
38
V
Undervoltage Detection Level (9)
VPWRUV
5.0
5.6
6.2
V
Logic Supply Voltage Range (5.0 V Nominal Supply)
VDD
4.5
5.0
5.5
V
Under VDD Logic Reset
VDDUV
–
–
4.5
V
VDD Supply Current
Sleep: Reset Logic [0]
Outputs Enabled
IDD(OFF)
IDD(ON)
–
–
40
1.0
65
1.8
µA
mA
POWER OUTPUTS
Microstep Output (Measured Across Coil Outputs)
SIN0,1, ± (COS0,1, ±) (refer to Table 1)
ROUT = 200 Ω
Steps 6, 18 (0, 12)
Steps 5, 7, 17, 19 (1, 11, 13, 23)
Steps 4, 8, 16, 20 (2, 10, 14, 22)
Steps 3, 9, 15, 21 (3, 9, 15, 21)
Steps 2, 10, 14, 22 (4, 8,16, 20)
Steps 1, 11, 13, 23 (5, 7, 17, 19)
Steps 0, 12 (6, 18)
VST6
VST5
VST4
VST3
VST2
VST1
VST0
4.82
0.94 VST6
0.84 VST6
0.68 VST6
0.47 VST6
0.23 VST6
-0.1
5.3
0.97 VST6
0.87 VST6
0.71 VST6
0.50 VST6
0.26 VST6
0.0
6.0
1.0 VST6
0.96 VST6
0.8 VST6
0.57 VST6
0.31 VST6
0.1
V
Full Step Active Output (Measured Across Coil Outputs)
SIN0, 1, ± (COS0, 1, ±) (see Figure 9, page 23)
Steps 1, 3 (0, 2)
VFS
4.9
5.3
6.0
V
Microstep, Full Step Output (Measured from Coil Low Side to Ground)
SIN0, 1, ± (COS0, 1, ±), IOUT = 30 mA
VLS
0.0
0.1
0.3
V
Notes
6.
Outputs and logic remain active; however, the larger coil voltage levels may be clipped. The reduction in drive voltage may result in a
loss of position control.
7.
The logic will reset at some level below the specified Limited Operational minimum.
8.
Outputs will disable and must be re-enabled via the PECCR command.
9.
Outputs remain active; however, the reduction in drive voltage may result in a loss of position control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com