Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 9Page - Exar Corporation XRT83SL38 Datasheet HTML 10Page - Exar Corporation XRT83SL38 Datasheet HTML 11Page - Exar Corporation XRT83SL38 Datasheet HTML 12Page - Exar Corporation XRT83SL38 Datasheet HTML 13Page - Exar Corporation XRT83SL38 Datasheet HTML 14Page - Exar Corporation XRT83SL38 Datasheet HTML 15Page - Exar Corporation XRT83SL38 Datasheet HTML 16Page - Exar Corporation XRT83SL38 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
XRT83SL38
11
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
TAOS_0
TAOS_1
TAOS_2
TAOS_3
TAOS_4
TAOS_5
TAOS_6
TAOS_7
D6
B6
A5
C6
T6
U6
V6
R6
I
Transmit All Ones for Channel _0 - Hardware mode
Setting this pin “High” enables the transmission of an “All Ones” Pattern from Channel
_0. A “Low” level stops the transmission of the “All Ones” Pattern.
Transmit All Ones for Channel _1
Transmit All Ones for Channel _2
Transmit All Ones for Channel _3
Transmit All Ones for Channel _4
Transmit All Ones for Channel _5
Transmit All Ones for Channel _6
Transmit All Ones for Channel _7
NOTE: Internally pulled “Low” with a 50k
Ω resistor for all channels.
TXON_0
TXON_1
TXON_2
TXON_3
TXON_4
TXON_5
TXON_6
TXON_7
A13
D12
C12
B12
V13
U13
R12
R13
I
Transmitter Turn On for Channel _0
Hardware mode
Setting this pin "High" turns on the Transmit and Receive Sections of Channel _0.
When TXON_0 = “0” then TTIP_0 and TRING_0 driver outputs will be tri-stated.
In Host mode
The TXON_n bits in the channel control registers turn each channel Transmit and
Receive section ON or OFF. However, control of the on/off function can be transferred
to the Hardware pins by setting the TXONCNTL bit (bit 7) to “1” in the register at
address hex 0x82.
Transmitter Turn On for Channel _1
Transmitter Turn On for Channel _2
Transmitter Turn On for Channel _3
Transmitter Turn On for Channel _4
Transmitter Turn On for Channel _5
Transmitter Turn On for Channel _6
Transmitter Turn On for Channel _7
NOTE: Internally pulled “Low” with a 50k
Ω resistor for all channels.
SIGNAL NAME
LEAD #TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com