Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 1 Page - Exar Corporation

  XRT83SL38 Datasheet HTML 1Page - Exar Corporation XRT83SL38 Datasheet HTML 2Page - Exar Corporation XRT83SL38 Datasheet HTML 3Page - Exar Corporation XRT83SL38 Datasheet HTML 4Page - Exar Corporation XRT83SL38 Datasheet HTML 5Page - Exar Corporation XRT83SL38 Datasheet HTML 6Page - Exar Corporation XRT83SL38 Datasheet HTML 7Page - Exar Corporation XRT83SL38 Datasheet HTML 8Page - Exar Corporation XRT83SL38 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
XRT83SL38
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
JUNE 2007
REV. 1.0.2
GENERAL DESCRIPTION
The XRT83SL38 is a fully integrated Octal (eight
channel)
short-haul
line
interface
unit
for
T1
(1.544Mbps) 100
Ω, E1 (2.048Mbps) 75Ω or 120Ω, or
J1 110
Ω applications.
In T1 applications, the XRT83SL38 can generate five
transmit pulse shapes to meet the short-haul Digital
Cross-Connect (DSX-1) template requirements. It
also
provides
programmable
transmit
pulse
generators for each channel that can be used for
output
pulse
shaping
allowing
performance
improvement over a wide variety of conditions (The
arbitrary pulse generators are available in both T1
and E1 modes).
The XRT83SL38 provides both a parallel Host
microprocessor interface as well as a Hardware
mode for programming and control.
Both the B8ZS and HDB3 encoding and decoding
functions are selectable as well as AMI. An on-chip
crystal-less jitter attenuator with a 32 or 64 bit FIFO
can be placed either in the receive or the transmit
path with loop bandwidths of less than 3Hz. The
XRT83SL38 provides a variety of loop-back and
diagnostic features as well as transmit driver short
circuit detection and receive loss of signal monitoring.
It supports internal impedance matching for 75
Ω,
100
Ω, 110Ω and 120Ω for both transmitter and
receiver. In the absence of the power supply, the
transmit outputs and receive inputs are tri-stated
allowing
for
redundancy
applications
The
chip
includes an integrated programmable clock multiplier
that can synthesize T1 or E1 master clocks from a
variety of external clock sources.
APPLICATIONS
• T1 Digital Cross-Connects (DSX-1)
• ISDN Primary Rate Interface
• CSU/DSU E1/T1/J1 Interface
• T1/E1/J1 LAN/WAN Routers
• Public switching Systems and PBX Interfaces
• T1/E1/J1 Multiplexer and Channel Banks
Features (See Page 2)
FIGURE 1. BLOCK DIAGRAM OF THE XRT83SL38 T1/E1/J1 LIU (HOST MODE)
One of Eight channels, CHANNEL_n - (n= 0:7)
HW/HOST
WR_R/W
RD_DS
ALE-AS
CS
RDY_DTACK
INT
ICT
TPOS_n/TDATA_n
TNEG_n/CODES_n
TCLK_n
RCLK_n
RNEG_n/LCV_n
RPOS_n/RDATA_n
RLOS_n
RTIP_n
RRING_n
MASTER CLOCK SYNTHESIZER
QRSS
PATTERN
GENERATOR
DMO_n
TTIP_n
TRING_n
TXON_n
HDB3/
B8ZS
ENCODER
TX/RX JITTER
ATTENUATOR
TIMING
CONTROL
TX FILTER
& PULSE
SHAPER
LINE
DRIVER
DRIVE
MONITOR
LOCAL
ANALOG
LOOPBACK
REMOTE
LOOPBACK
DIGITAL
LOOPBACK
HDB3/
B8ZS
DECODER
TX/RX JITTER
ATTENUATOR
TIMING &
DATA
RECOVERY
PEAK
DETECTOR
& SLICER
QRSS
DETECTOR
NETWORK
LOOP
DETECTOR
RX
EQUALIZER
EQUALIZER
CONTROL
AIS
DETECTOR
LOS
DETECTOR
LBO[3:0]
LOOPBACK
ENABLE
NLCD ENABLE
QRSS ENABLE
μPTS1
μPTS2
D[7:0]
μPCLK
A[7:0]
RESET
MICROPROCESSOR CONTROLLER
TEST
DFM
TAOS
ENABLE
MCLKE1
MCLKT1
MCLKOUT


Similar Part No. - XRT83SL38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38IB EXAR-XRT83SL38IB Datasheet
586Kb / 89P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38IV EXAR-XRT83SL38IV Datasheet
586Kb / 89P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83SL38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com