Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 3Page - Exar Corporation XRT83SL38 Datasheet HTML 4Page - Exar Corporation XRT83SL38 Datasheet HTML 5Page - Exar Corporation XRT83SL38 Datasheet HTML 6Page - Exar Corporation XRT83SL38 Datasheet HTML 7Page - Exar Corporation XRT83SL38 Datasheet HTML 8Page - Exar Corporation XRT83SL38 Datasheet HTML 9Page - Exar Corporation XRT83SL38 Datasheet HTML 10Page - Exar Corporation XRT83SL38 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
XRT83SL38
III
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
CLOCK SELECT REGISTER ............................................................................................ 68
Figure 22. Register 0x81h Sub Registers ...................................................................................... 68
TABLE 36: MICROPROCESSOR REGISTER #129, BIT DESCRIPTION ....................................................... 69
TABLE 37: MICROPROCESSOR REGISTER #130, BIT DESCRIPTION ....................................................... 70
TABLE 38: MICROPROCESSOR REGISTER #131, BIT DESCRIPTION ....................................................... 72
TABLE 39: MICROPROCESSOR REGISTER #192, BIT DESCRIPTION ....................................................... 73
ELECTRICAL CHARACTERISTICS ................................................................................. 74
TABLE 40: ABSOLUTE MAXIMUM RATINGS ........................................................................................... 74
TABLE 41: DC DIGITAL INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS ........................................ 74
TABLE 42: XRT83SL38 POWER CONSUMPTION ................................................................................. 74
TABLE 43: E1 RECEIVER ELECTRICAL CHARACTERISTICS .................................................................... 75
TABLE 44: T1 RECEIVER ELECTRICAL CHARACTERISTICS .................................................................... 76
TABLE 45: E1 TRANSMIT RETURN LOSS REQUIREMENT ....................................................................... 76
TABLE 46: E1 TRANSMITTER ELECTRICAL CHARACTERISTICS .............................................................. 76
TABLE 47: T1 TRANSMITTER ELECTRICAL CHARACTERISTICS .............................................................. 77
Figure 23. ITU G.703 Pulse Template ............................................................................................. 78
TABLE 48: TRANSMIT PULSE MASK SPECIFICATION ............................................................................. 78
Figure 24. DSX-1 Pulse Template (normalized amplitude) .......................................................... 79
TABLE 49: DSX1 INTERFACE ISOLATED PULSE MASK AND CORNER POINTS .......................................... 79
TABLE 50: AC ELECTRICAL CHARACTERISTICS ................................................................................... 80
Figure 25. Transmit Clock and Input Data Timing ........................................................................ 80
Figure 26. Receive Clock and Output Data Timing ...................................................................... 81
MICROPROCESSOR INTERFACE I/O TIMING .................................................................................................. 82
Intel Interface Timing - Asynchronous .................................................................................................................. 82
Figure 27. Intel Asynchronous Programmed I/O Interface Timing ............................................. 82
TABLE 51: ASYNCHRONOUS MODE 1 - INTEL 8051 AND 80188 INTERFACE TIMING ............................... 82
Motorola Asychronous Interface Timing ............................................................................................................... 83
Figure 28. Motorola 68K Asynchronous Programmed I/O Interface Timing .............................. 83
TABLE 52: ASYNCHRONOUS - MOTOROLA 68K - INTERFACE TIMING SPECIFICATION ............................. 83
Figure 29. Microprocessor Interface Timing - Reset Pulse Width .............................................. 83
225 BALL PLASTIC BALL GRID ARRAY (BOTTOM VIEW) .................................................................. 84
(19.0 X 19.0 X 1.0MM) ................................................................................................................. 84
ORDERING INFORMATION .................................................................................................................... 85
REVISIONS .............................................................................................................................................. 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com