Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 28Page - Exar Corporation XRT83SL38 Datasheet HTML 29Page - Exar Corporation XRT83SL38 Datasheet HTML 30Page - Exar Corporation XRT83SL38 Datasheet HTML 31Page - Exar Corporation XRT83SL38 Datasheet HTML 32Page - Exar Corporation XRT83SL38 Datasheet HTML 33Page - Exar Corporation XRT83SL38 Datasheet HTML 34Page - Exar Corporation XRT83SL38 Datasheet HTML 35Page - Exar Corporation XRT83SL38 Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
XRT83SL38
30
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.2
The driver monitor circuit is used to detect transmit driver failure by monitoring the activities at TTIP and TRING
outputs. Driver failure may be caused by a short circuit in the primary transformer or system problems at the
transmit input. If the transmitter of a channel has no output for more than 128 clock cycles, the corresponding
DMO pin goes “High” and remains “High” until a valid transmit pulse is detected. In Host mode, the failure of
the transmit channel is reported in the corresponding interface bit. If the DMOIE bit is also enabled, any
transition on the DMO interface bit will generate an interrupt. The driver failure monitor is supported in both
Hardware and Host modes on a per channel basis.
TRANSMIT PULSE SHAPER & LINE BUILD OUT (LBO) CIRCUIT
The transmit pulse shaper circuit uses the high speed clock from the Master timing generator to control the
shape and width of the transmitted pulse. The internal high-speed timing generator eliminates the need for a
tightly controlled transmit clock (TCLK) duty cycle. With the jitter attenuator not in the transmit path, the
transmit output will generate no more than 0.025Unit Interval (UI) peak-to-peak jitter. In Hardware mode, the
state of the A[4:0]/EQC[4:0] pins determine the transmit pulse shape for all eight channels. In Host mode
transmit pulse shape can be controlled on a per channel basis using the interface bits EQC[4:0]. The chip
supports five fixed transmit pulse settings for T1 Short-haul applications plus a fully programmable waveform
generator for arbitrary transmit output pulse shapes (The arbitrary pulse generators are available for both T1
and E1). The choice of the transmit pulse shape and LBO under the control of the interface bits are
summarized in Table 5. For CSU LBO transmit pulse design information, refer to ANSI T1.403-1993 Network-
to-Customer Installation specification, Annex-E.
NOTE:
EQC[4:0] determine the T1/E1 operating mode of the XRT83SL38. When EQC4 = “1” and EQC3 = “1”, the
XRT83SL38 is in the E1 mode, otherwise it is in the T1/J1 mode. For details on how to enable the E1 arbitrary
mode, see global register 0xC0h.
TABLE 5: RECEIVE EQUALIZER CONTROL AND TRANSMIT LINE BUILD-OUT SETTINGS
EQC4
EQC3
EQC2
EQC1
EQC0
E1/T1 MODE & RECEIVE
SENSITIVITY
TRANSMIT LBO
CABLE
CODING
0
1
0
0
0
T1 Short Haul/15dB
0-133 ft./ 0.6dB
100
Ω/ TP
B8ZS
0
1
0
0
1
T1 Short Haul/15dB
133-266 ft./ 1.2dB
100
Ω/ TP
B8ZS
0
1
0
1
0
T1 Short Haul/15dB
266-399 ft./ 1.8dB
100
Ω/ TP
B8ZS
0
1
0
1
1
T1 Short Haul/15dB
399-533 ft./ 2.4dB
100
Ω/ TP
B8ZS
0
1
1
0
0
T1 Short Haul/15dB
533-655 ft./ 3.0dB
100
Ω/ TP
B8ZS
0
1
1
0
1
T1 Short Haul/15dB
Arbitrary Pulse
100
Ω/ TP
B8ZS
0
1
1
1
0
T1 Gain Mode/29dB
0-133 ft./ 0.6dB
100
Ω/ TP
B8ZS
0
1
1
1
1
T1 Gain Mode/29dB
133-266 ft./ 1.2dB
100
Ω/ TP
B8ZS
1
0
0
0
0
T1 Gain Mode/29dB
266-399 ft./ 1.8dB
100
Ω/ TP
B8ZS
1
0
0
0
1
T1 Gain Mode/29dB
399-533 ft./ 2.4dB
100
Ω/ TP
B8ZS
1
0
0
1
0
T1 Gain Mode/29dB
533-655 ft./ 3.0dB
100
Ω/ TP
B8ZS
1
0
0
1
1
T1 Gain Mode/29dB
Arbitrary Pulse
100
Ω/ TP
B8ZS
1
1
1
0
0
E1 Short Haul
ITU G.703/Arbitrary
75
Ω Coax
HDB3
1
1
1
0
1
E1 Short Haul
ITU G.703/Arbitrary
120
Ω TP
HDB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com