Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 78Page - Exar Corporation XRT83SL38 Datasheet HTML 79Page - Exar Corporation XRT83SL38 Datasheet HTML 80Page - Exar Corporation XRT83SL38 Datasheet HTML 81Page - Exar Corporation XRT83SL38 Datasheet HTML 82Page - Exar Corporation XRT83SL38 Datasheet HTML 83Page - Exar Corporation XRT83SL38 Datasheet HTML 84Page - Exar Corporation XRT83SL38 Datasheet HTML 85Page - Exar Corporation XRT83SL38 Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
XRT83SL38
80
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.2
TABLE 50: AC ELECTRICAL CHARACTERISTICS
VDD=3.3V±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
E1 MCLK Clock Frequency
-
2.048
MHz
T1 MCLK Clock Frequency
-
1.544
MHz
MCLK Clock Duty Cycle
40
-
60
%
MCLK Clock Tolerance
-
±50
-
ppm
TCLK Duty Cycle
TCDU
30
50
70
%
Transmit Data Setup Time
TSU
50
-
-
ns
Transmit Data Hold Time
THO
30
-
-
ns
TCLK Rise Time(10%/90%)
TCLKR
-
-
40
ns
TCLK Fall Time(90%/10%)
TCLKF
-
-
40
ns
RCLK Duty Cycle
RCDU
45
50
55
%
Receive Data Setup Time
RSU
150
-
-
ns
Receive Data Hold Time
RHO
150
-
-
ns
RCLK to Data Delay
RDY
-
-
40
ns
RCLK Rise Time(10% to 90%) with
25pF Loading.
RCLKR
-
-
40
ns
RCLK Fall Time(90% to 10%) with
25pF Loading.
RCLKF
40
ns
FIGURE 25. TRANSMIT CLOCK AND INPUT DATA TIMING
TCLK
R
TCLK
F
TCLK
TPOS/TDATA
or
TNEG
T
SU
T
HO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com