Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 71 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 71 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 67Page - Exar Corporation XRT83SL38 Datasheet HTML 68Page - Exar Corporation XRT83SL38 Datasheet HTML 69Page - Exar Corporation XRT83SL38 Datasheet HTML 70Page - Exar Corporation XRT83SL38 Datasheet HTML 71Page - Exar Corporation XRT83SL38 Datasheet HTML 72Page - Exar Corporation XRT83SL38 Datasheet HTML 73Page - Exar Corporation XRT83SL38 Datasheet HTML 74Page - Exar Corporation XRT83SL38 Datasheet HTML 75Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
XRT83SL38
69
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
TABLE 36: MICROPROCESSOR REGISTER #129, BIT DESCRIPTION
REGISTER ADDRESS
10000001
NAME
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #
D7
Reserved
R/W
0
D6
CLKSEL2
Clock Select Inputs for Master Clock Synthesizer bit 2:
In Host mode, CLKSEL[2:0] are input signals to a programma-
ble frequency synthesizer that can be used to generate a mas-
ter clock from an external accurate clock source according to
the following table;
In Hardware mode, the state of these signals are ignored and
the master frequency PLL is controlled by the corresponding
Hardware
pins.
R/W
0
D5
CLKSEL1
Clock Select inputs for Master Clock Synthesizer bit 1:
See description of bit D6 for function of this bit.
R/W
0
D4
CLKSEL0
Clock Select inputs for Master Clock Synthesizer bit 0:
See description of bit D6 for function of this bit.
R/W
0
D3
MCLKRATE
Master clock Rate Select:
The state of this bit programs the
Master Clock Synthesizer to generate the T1/J1 or E1 clock.
The Master Clock Synthesizer will generate the E1 clock when
MCLKRATE = “0”, and the T1/J1 clock when MCLKRATE =
“1”.
R/W
0
D2
RXMUTE
Receive Output Mute:
Writing a “1” to this bit, mutes receive
outputs at RPOS/RDATA and RNEG/LCV pins to a “0” state for
any channel that detects an RLOS condition.
NOTE: RCLK is not muted.
R/W
0
204 8
204 8
204 8
154 4
MCL KE1
kHz
8
16
16
56
8
56
64
64
128
256
256
128
204 8
204 8
154 4
154 4
MCL KT1
kH z
154 4
X
X
X
154 4
X
X
X
X
X
X
X
2 048
1 544
2 048
CL KOU T/
kHz
1 544
2 048
1 544
2 048
1 544
2 048
1 544
2 048
1 544
2 048
1 544
2 048
1 544
0
0
1
1
CL KSEL0
0
1
1
0
0
0
1
1
0
1
1
0
0
0
0
0
CL KSEL1
1
1
1
0
1
0
0
0
1
1
1
1
0
0
0
0
CL KSEL2
0
0
0
1
0
1
1
1
1
1
1
1
0
1
0
0
0
0
154 4
204 8
X
X
2 048
1 544
0
1
0
1
M CL KRAT E
1
0
1
0
0
1
0
1
1
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com