Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 18Page - Exar Corporation XRT83SL38 Datasheet HTML 19Page - Exar Corporation XRT83SL38 Datasheet HTML 20Page - Exar Corporation XRT83SL38 Datasheet HTML 21Page - Exar Corporation XRT83SL38 Datasheet HTML 22Page - Exar Corporation XRT83SL38 Datasheet HTML 23Page - Exar Corporation XRT83SL38 Datasheet HTML 24Page - Exar Corporation XRT83SL38 Datasheet HTML 25Page - Exar Corporation XRT83SL38 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
XRT83SL38
20
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.2
POWER AND GROUND
TERSEL1
TERSEL0
T11
R11
I
Termination Impedance Select bit 1:
Termination Impedance Select bit 0:
In the
Hardware mode and in the internal termination mode (TXTSEL=”1” and RXT-
SEL=”1”) TERSEL[1:0] control the transmit and receive termination impedance accord-
ing to the following table.
In the
internal termination mode the receiver termination of each receiver is realized
completely by internal resistors or by the combination of internal and one fixed external
resistor (see description of RXRES[1:0] pins).
In the
internal termination mode the transformer ratio of 1:2 and 1:1 is required for
transmitter and receiver respectively with the transmitter output AC coupled to the
transformer.
NOTES:
1.
This pin is internally pulled “Low” with a 50k
Ω resistor.
2.
In Hardware mode, all channels share the same TERSEL control function.
3.
In the external termination mode a 1:2 or 1:2.45 transformer ratio must be
used for the transmitter.
TEST
U12
I
Manufacturing Test:
NOTE: For normal operation this pin must be tied to ground.
ICT
V12
I
In-Circuit Testing (Active “Low”):
When this pin is tied “Low”, all output pins are forced to a high impedance state for in-
circuit testing.
Pulling RESET and ICT pins “Low” simultaneously will put the chip in factory test mode.
This condition should not be permitted during normal operation.
NOTE: This pin is internally pulled “High” with a 50k
Ω resistor.
SIGNAL NAME
LEAD #
TYPE
DESCRIPTION
TGND_0
TGND_1
TGND_2
TGND_3
TGND_4
TGND_5
TGND_6
TGND_7
D3
F2
E15
C17
R3
P3
T16
R16
****
Transmitter Analog Ground for Channel _0
Transmitter Analog Ground for Channel _1
Transmitter Analog Ground for Channel _2
Transmitter Analog Ground for Channel _3
Transmitter Analog Ground for Channel _4
Transmitter Analog Ground for Channel _5
Transmitter Analog Ground for Channel _6
Transmitter Analog Ground for Channel _7
SIGNAL NAME
LEAD #TYPE
DESCRIPTION
0
1
1
0
1
1
0
0
100
Ω
110
Ω
75
Ω
120
Ω
Termination
TERSEL1
TERSEL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com