Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 17Page - Exar Corporation XRT83SL38 Datasheet HTML 18Page - Exar Corporation XRT83SL38 Datasheet HTML 19Page - Exar Corporation XRT83SL38 Datasheet HTML 20Page - Exar Corporation XRT83SL38 Datasheet HTML 21Page - Exar Corporation XRT83SL38 Datasheet HTML 22Page - Exar Corporation XRT83SL38 Datasheet HTML 23Page - Exar Corporation XRT83SL38 Datasheet HTML 24Page - Exar Corporation XRT83SL38 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
XRT83SL38
19
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
EQC4
EQC3
EQC2
EQC1
EQC0
RDY_DTACK
CS
ALE_AS
RD_DS
WR_R/W
A6
B7
A7
C7
D7
A6
B7
A7
C7
D7
I
O
I
I
I
I
Equalizer Control Input 4 - Hardware mode
This pin together with pins EQC[3:0] is used to control the transmit pulse shaping,
transmit line build-out (LBO) and receive monitoring while operating at one of either the
T1, E1 or J1 clock rates/modes.
SEE”RECEIVE EQUALIZER CONTROL AND
TRANSMIT LINE BUILD-OUT SETTINGS” ON PAGE 30. for description of
Transmit Equalizer Control bits.
Equalizer Control Input 3
Equalizer Control Input 2
Equalizer Control Input 1
Equalizer Control Input 0
NOTES:
1.
In Hardware mode all transmit channels share the same pulse setting
controls function.
2.
All channels of an XRT83L38 must operate at the same clock rate, either the
T1, E1 or J1 modes.
In Host mode, these pins perform various microprocessor functions.
SEE”MICRO-
PROCESSOR INTERFACE” ON PAGE 12.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
RXTSEL
U11
I
Receiver Termination Select
In Hardware mode, when this pin is “Low” the receive line termination is determined
only by an external resistor. When “High”, the receive termination is realized by the
internal resistor or the combination of internal and external resistors. These conditions
are described in the table below.
NOTE: In Hardware mode all channels share the same RXTSEL control function.
In Host mode, the RXTSEL_n bits in the channel control registers determine if the
receiver termination is external or internal. However, the function of RXTSEL can be
transferred to the Hardware pin by setting the TERCNTL bit (bit 6) to “1” in the register
address hex 0x82.
NOTE: This pin is internally pulled “Low” with a 50k
Ω resistor.
TXTSEL
V11
I
Transmit Termination Select - Hardware Mode
When this pin is “Low” the transmit line termination is determined only by an external
resistor. When “High”, the transmit termination is realized only by the internal resistor.
NOTES:
1.
This pin is internally pulled “Low” with a 50k
Ω resistor.
2.
In Hardware mode all channels share the same TXTSEL control function.
SIGNAL NAME
LEAD #TYPE
DESCRIPTION
RXTSEL
RX Termination
0
1
External
Internal
TXTSEL
TX Termination
0
1
External
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com