Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 65 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 65 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 61Page - Exar Corporation XRT83SL38 Datasheet HTML 62Page - Exar Corporation XRT83SL38 Datasheet HTML 63Page - Exar Corporation XRT83SL38 Datasheet HTML 64Page - Exar Corporation XRT83SL38 Datasheet HTML 65Page - Exar Corporation XRT83SL38 Datasheet HTML 66Page - Exar Corporation XRT83SL38 Datasheet HTML 67Page - Exar Corporation XRT83SL38 Datasheet HTML 68Page - Exar Corporation XRT83SL38 Datasheet HTML 69Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
XRT83SL38
63
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
TABLE 27: MICROPROCESSOR REGISTER #8, BIT DESCRIPTION
REGISTER ADDRESS
00001000
00011000
00101000
00111000
01001000
01011000
01101000
01111000
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
CHANNEL_4
CHANNEL_5
CHANNEL_6
CHANNEL_7
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #
NAME
D7
Reserved
R/W
0
D6-D0
B6S1_n -
B0S1_n
Arbitrary Transmit Pulse Shape, Segment 1:The shape of
each channel's transmitted pulse can be made independently
user programmable by selecting “Arbitrary Pulse” mode in
Table 5. The arbitrary pulse is divided into eight time seg-
ments whose combined duration is equal to one period of
MCLK.
This 7 bit number represents the amplitude of the nth chan-
nel's arbitrary pulse during the first time segment. B6S1_n-
B0S1_n is in signed magnitude format with B6S1_n as the
sign bit and B0S1_n as the least significant bit (LSB).
R/W
0
TABLE 28: MICROPROCESSOR REGISTER #9, BIT DESCRIPTION
REGISTER ADDRESS
00001001
00011001
00101001
00111001
01001001
01011001
01101001
01111001
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
CHANNEL_4
CHANNEL_5
CHANNEL_6
CHANNEL_7
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #
NAME
D7
Reserved
R/W
0
D6-D0
B6S2_n -
B0S2_n
Arbitrary Transmit Pulse Shape, Segment 2
The shape of each channel's transmitted pulse can be made
independently user programmable by selecting “Arbitrary
Pulse” mode in
Table 5. The arbitrary pulse is divided into
eight time segments whose combined duration is equal to one
period of MCLK.
This 7 bit number represents the amplitude of the nth chan-
nel's arbitrary pulse during the second time segment. B6S2_n-
B0S2_n is in signed magnitude format with B6S2_n as the
sign bit and B0S2_n as the least significant bit (LSB).
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com