Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 77 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 77 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 73Page - Exar Corporation XRT83SL38 Datasheet HTML 74Page - Exar Corporation XRT83SL38 Datasheet HTML 75Page - Exar Corporation XRT83SL38 Datasheet HTML 76Page - Exar Corporation XRT83SL38 Datasheet HTML 77Page - Exar Corporation XRT83SL38 Datasheet HTML 78Page - Exar Corporation XRT83SL38 Datasheet HTML 79Page - Exar Corporation XRT83SL38 Datasheet HTML 80Page - Exar Corporation XRT83SL38 Datasheet HTML 81Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
XRT83SL38
75
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
TABLE 43: E1 RECEIVER ELECTRICAL CHARACTERISTICS
(VDD=3.3V±5%,
TA= -40° TO 85°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Receiver loss of signal:
Number of consecutive zeros
before RLOS is set
Input signal level at RLOS
RLOS De-asserted
10
15
12.5
175
20
255
dB
dB
Cable attenuation @1024KHz
ITU-G.775, ETSI 300 233
Input Impedance
13
k
Ω
Input Jitter Tolerance: 1 Hz
10kHz-100kHz
37
0.2
UIpp
UIpp
ITU G.823
Recovered Clock Jitter Transfer
Corner Frequency
Peaking Amplitude
-
36
- 0.5
kHz
dB
ITU G.736
Jitter Attenuator Corner Fre-
quency (-3dB curve) (JABW=0)
(JABW=1)
-
10
1.5
-
Hz
Hz
ITU G.736
Return Loss:
51kHz - 102kHz
102kHz - 2048kHz
2048kHz - 3072kHz
14
20
16
-
-
dB
dB
dB
ITU-G.703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com