Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 28 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 28 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 24Page - Exar Corporation XRT83SL38 Datasheet HTML 25Page - Exar Corporation XRT83SL38 Datasheet HTML 26Page - Exar Corporation XRT83SL38 Datasheet HTML 27Page - Exar Corporation XRT83SL38 Datasheet HTML 28Page - Exar Corporation XRT83SL38 Datasheet HTML 29Page - Exar Corporation XRT83SL38 Datasheet HTML 30Page - Exar Corporation XRT83SL38 Datasheet HTML 31Page - Exar Corporation XRT83SL38 Datasheet HTML 32Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
XRT83SL38
26
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.2
Once the T1/E1 input signal has been normalized to 0dB by adding the maximum gain (+29dB), the receiver
will declare RLOS if the signal is attenuated by an additional -9dB. The total cable loss at RLOS declaration is
typically -38dB (-29dB + -9dB). A 3dB hysteresis was designed so that transients will not trigger the RLOS to
clear. Therefore, the RLOS will typically clear at a total flat loss of -35dB. See Figure 6 for a simplified diagram.
RECEIVE HDB3/B8ZS DECODER
The Decoder function is available in both Hardware and Host modes on a per channel basis by controlling the
TNEG_n/CODES_n pin or the CODES_n interface bit. The decoder function is only active in single-rail Mode.
When selected, receive data in this mode will be decoded according to HDB3 rules for E1 and B8ZS for T1
systems. Bipolar violations that do not conform to the coding scheme will be reported as Line Code Violation at
the RNEG_n/LCV_n pin of each channel. The length of the LCV pulse is one RCLK cycle for each code
violation. In E1mode only, an excessive number of zeros in the receive data stream is also reported as an error
at the same output pin. If AMI decoding is selected in single rail mode, every bipolar violation in the receive
data stream will be reported as an error at the RNEG_n/LCV_n pin.
RECOVERED CLOCK (RCLK) SAMPLING EDGE
This feature is available in both Hardware and Host modes on a global basis. In Host mode, the sampling
edge of RCLK output can be changed through the interface control bit RCLKE. If a “1” is written in the RCLKE
interface bit, receive data output at RPOS_n/RDATA_n and RNEG_n/LCV_n are updated on the falling edge of
RCLK for all eight channels. Writing a “0” to the RCLKE register, updates the receive data on the rising edge of
RCLK. In Hardware mode the same feature is available under the control of the RCLKE pin.
FIGURE 6. SIMPLIFIED DIAGRAM OF -29dB T1/E1 GAIN MODE AND RLOS CONDITION
FIGURE 7. RECEIVE CLOCK AND OUTPUT DATA TIMING
Normalized up to +29dB Max
Normalized up to +29dB Max
De clare LOS
Clear LOS
-9dB
+3dB
Clear LOS
De clare LOS
+3dB
-9dB
RCLK
R
RCLK
F
RCLK
RPOS
or
RNEG
R
DY
R
HO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com