Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 74 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 74 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 70Page - Exar Corporation XRT83SL38 Datasheet HTML 71Page - Exar Corporation XRT83SL38 Datasheet HTML 72Page - Exar Corporation XRT83SL38 Datasheet HTML 73Page - Exar Corporation XRT83SL38 Datasheet HTML 74Page - Exar Corporation XRT83SL38 Datasheet HTML 75Page - Exar Corporation XRT83SL38 Datasheet HTML 76Page - Exar Corporation XRT83SL38 Datasheet HTML 77Page - Exar Corporation XRT83SL38 Datasheet HTML 78Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
XRT83SL38
72
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.2
TABLE 38: MICROPROCESSOR REGISTER #131, BIT DESCRIPTION
REGISTER ADDRESS
10000000
NAME
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #
D7
GAUGE1
Wire Gauge Selector Bit 1:
This bit together with bit D6 are used to select wire gauge size
as shown in the table below.
R/W
0
D6
GAUGE0
Wire Gauge Selector Bit 0:
See bit D7.
R/W
0
D5
Reserved
R/W
0
D4
Reserved
R/W
0
D3
SL_1
Slicer Level Control bit 1: This bit and bit D2 control the slic-
ing level for the slicer per the following table.
R/W
0
D2
SL_0
Slicer Level Control bit 0: See description bit D3.
R/W
0
D1
EQG_1
Equalizer Gain Control bit 1: This bit together with bit D0
control the gain of the equalizer as shown in the table below.
R/W
0
D0
EQG_0
Equalizer Gain Control bit 0: See description of bit D1
R/W
0
GAUGE1
0
1
1
0
GAUGE0
0
1
0
1
Wire Size
22 and 24 Gauge
26 Gauge
24 Gauge
22 Gauge
SL_1
SL_0
0
0
0
1
1
0
1
1
Slicer Mode
Normal
Decrease by 5% from Normal
Increase by 5% from Normal
Normal
EQG_1
EQG_0
0
0
0
1
1
0
1
1
Equalizer Gain
Normal
Reduce Gain by 1 dB
Reduce Gain by 3 dB
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com