Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38 Datasheet(PDF) 86 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 86 Page - Exar Corporation

Back Button XRT83SL38 Datasheet HTML 80Page - Exar Corporation XRT83SL38 Datasheet HTML 81Page - Exar Corporation XRT83SL38 Datasheet HTML 82Page - Exar Corporation XRT83SL38 Datasheet HTML 83Page - Exar Corporation XRT83SL38 Datasheet HTML 84Page - Exar Corporation XRT83SL38 Datasheet HTML 85Page - Exar Corporation XRT83SL38 Datasheet HTML 86Page - Exar Corporation XRT83SL38 Datasheet HTML 87Page - Exar Corporation XRT83SL38 Datasheet HTML 88Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
XRT83SL38
84
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.2
PACKAGE DIMENSIONS
225 BALL PLASTIC BALL GRID ARRAY (BOTTOM VIEW)
(19.0 X 19.0 X 1.0mm)
1
2
4
3
7
86
5
17
16
14
15
12
13
11
10
9
18
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
D
D1
D
D 1
A1
Fe ature / M ark
D2
A
A1
A2
A3
e
b
(A1 corner feature is m fge r option)
Seating Pla ne
SYMBO L
MIN
MAX
M IN
MAX
A
0.049
0.096
1.24
2.45
A1
0.016
0.024
0.40
0.60
A2
0.013
0.024
0.32
0.60
A3
0.020
0.048
0.52
1.22
D
0.740
0.756
18.80
19.20
D1
0.669 BSC
17.00 BSC
D2
0.665
0.669
16.90
17.00
b
0.020
0.028
0.50
0.70
e
0.039 BSC
1.00 BSC
INCHES
M ILLIM ETERS
Note: The control dim ension is in m illimeter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com