Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 14 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPV521_V01 Datasheet HTML 10Page - Texas Instruments LPV521_V01 Datasheet HTML 11Page - Texas Instruments LPV521_V01 Datasheet HTML 12Page - Texas Instruments LPV521_V01 Datasheet HTML 13Page - Texas Instruments LPV521_V01 Datasheet HTML 14Page - Texas Instruments LPV521_V01 Datasheet HTML 15Page - Texas Instruments LPV521_V01 Datasheet HTML 16Page - Texas Instruments LPV521_V01 Datasheet HTML 17Page - Texas Instruments LPV521_V01 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
5.6 Typical Characteristics (continued)
at TJ = 25°C (unless otherwise specified)
VCM (V)
400
300
200
100
0
-100
-200
-300
0
1
2
3
4
5
-40°C
25°C
VS = 5V
Figure 5-37. Input Bias Current vs Common Mode Voltage
VCM (V)
30
25
20
15
10
5
0
-5
-10
-15
-20
0
1
2
3
4
5
85°C
125°C
VS = 5V
Figure 5-38. Input Bias Current vs Common Mode Voltage
FREQUENCY (Hz)
100
80
60
40
20
0
VS = 1.8 V, 3.3 V, 5 V
VS = 5 V
VS = 3.3 V
VS = 1.8 V
+PSRR
-PSRR
10
100
1k
10k
100k
Figure 5-39. PSRR vs Frequency
FREQUENCY (Hz)
100
90
80
70
60
50
40
1e1
1e2
1e3
1e4
1e5
10
100
1k
10k
100k
VS = 5V
VS = 1.8V
VS = 1.8V, 3.3V, 5V
Figure 5-40. CMRR vs Frequency
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 1.8V
CL = 20 pF
RL = 1 M:
PHASE
GAIN
-40°C
125°C
25°C
85°C
Figure 5-41. Frequency Response vs Temperature
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 3.3 V
CL = 20 pF
RL = 1 MΩ
PHASE
GAIN
-40°C
125°C
25°C
85°C
Figure 5-42. Frequency Response vs Temperature
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com