Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 1 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 1 Page - Texas Instruments

  LPV521_V01 Datasheet HTML 1Page - Texas Instruments LPV521_V01 Datasheet HTML 2Page - Texas Instruments LPV521_V01 Datasheet HTML 3Page - Texas Instruments LPV521_V01 Datasheet HTML 4Page - Texas Instruments LPV521_V01 Datasheet HTML 5Page - Texas Instruments LPV521_V01 Datasheet HTML 6Page - Texas Instruments LPV521_V01 Datasheet HTML 7Page - Texas Instruments LPV521_V01 Datasheet HTML 8Page - Texas Instruments LPV521_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
1 Features
• For VS = 5V, typical unless otherwise noted:
– Supply current at VCM = 0.3V: 400nA (max)
– Operating voltage range: 1.6V to 5.5V
– Low TCVOS: 3.5µV/°C (max)
– VOS: 1mV (max)
– Input bias current: 40fA
– PSRR: 109dB
– CMRR: 102dB
– Open-loop gain: 132dB
– Gain bandwidth product: 6.2kHz
– Slew rate: 2.4V/ms
– Input voltage noise at f = 100Hz: 255nV/√Hz
– Temperature range: −40°C to +125°C
2 Applications
• Wireless environmental sensors
• Grid asset monitoring
• Electricity meter
• Smoke and heat detector
• Gas detector
• Portable electronics
• Thermostat
• Field transmitter and sensor
3 Description
The LPV521 is a single, nanopower, 552nW amplifier
designed for ultra-long-life battery applications. The
operating voltage range of 1.6V to 5.5V coupled with
typically 351nA of supply current make this device
an excellent choice for RFID readers and remote-
sensor nanopower applications. The device has an
input common-mode voltage 0.1V over the rails,
specified TCVOS, and voltage-swing-to-the-rail output
performance. The LPV521 has a carefully designed
CMOS input stage that outperforms competitors with
typically 40fA IBIAS currents. This low input current
significantly reduces IBIAS and IOS errors introduced in
megohm resistance, high-impedance photodiode and
charge sense applications. The LPV521 is a member
of the PowerWise® family, and has an exceptional
power-to-performance ratio.
The wide input common-mode voltage range,
specified 1mV VOS and 3.5µV/°C TCVOS enables
accurate and stable measurement for both high-side
and low-side current sensing.
EMI protection is designed into the device to reduce
sensitivity to unwanted RF signals from cell phones or
other RFID readers.
The LPV521 is offered in 5-pin SC70 and 8-pin PDIP
packages.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LPV521
DCK (SC70, 5)
2mm × 2.1mm
P (PDIP, 8)
9.81mm × 9.43mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SUPPLY VOLTAGE (V)
800
700
600
500
400
300
200
100
0
1
2
3
4
5
6
125°C
85°C
25°C
-40°C
VCM = VS ± 0.3 V
Nanopower Supply Current
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LPV521_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521MG NSC-LPV521MG Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521MG TI-LPV521MG Datasheet
1Mb / 29P
LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV521MG TI1-LPV521MG Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV521MG/NOPB TI1-LPV521MG/NOPB Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
National Semiconductor ...
LPV521MGE NSC-LPV521MGE Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
More results

Similar Description - LPV521_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV542 TI-LPV542 Datasheet
1Mb / 29P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com