Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 7 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LPV521_V01 Datasheet HTML 3Page - Texas Instruments LPV521_V01 Datasheet HTML 4Page - Texas Instruments LPV521_V01 Datasheet HTML 5Page - Texas Instruments LPV521_V01 Datasheet HTML 6Page - Texas Instruments LPV521_V01 Datasheet HTML 7Page - Texas Instruments LPV521_V01 Datasheet HTML 8Page - Texas Instruments LPV521_V01 Datasheet HTML 9Page - Texas Instruments LPV521_V01 Datasheet HTML 10Page - Texas Instruments LPV521_V01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
5.5 Electrical Characteristics (continued)
at TA = 25°C, V+ = 1.8V, 3.3V, and 5V, V– = 0V, VCM = VO = VS / 2, and RL > 1 MΩ (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IS
Supply current
VCM = V– + 0.3 V
V+ = 1.8V
345
400
nA
V+ = 1.8V, TA = –40°C to +125°C
580
nA
V+ = 3.3V
346
400
nA
V+ = 3.3V, TA = –40°C to +125°C
600
nA
V+ = 5V
351
400
nA
V+ = 5V, TA = –40°C to +125°C
620
nA
VCM = V+ – 0.3 V
V+ = 1.8V
472
600
nA
V+ = 1.8V, TA = –40°C to +125°C
850
nA
V+ = 3.3V
471
600
nA
V+ = 3.3V, TA = –40°C to +125°C
860
nA
V+ = 5V
475
600
nA
V+ = 5V, TA = –40°C to +125°C
870
nA
NOISE IMMUNITY
EMIRR
EMI rejection ratio,
IN+ and IN– (4)
V+ = 5V,
VRF_PEAK = 100mVP (–20dBP)
f = 400MHz
121
dB
f = 900MHz
121
f = 1800MHz
124
f = 2400MHz
142
(1)
Electrical Characteristics values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result
in very limited self-heating of the device such that TJ = TA. No min and max specifications of parametric performance are indicated in
the electrical tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature
limits beyond which the device may be permanently degraded, either mechanically or electrically.
(2)
The offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(3)
The short circuit test is a momentary open-loop test.
(4)
The EMI rejection ratio is defined as EMIRR = 20log (VRF_PEAK/ΔVOS).
www.ti.com
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com