Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 19 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LPV521_V01 Datasheet HTML 15Page - Texas Instruments LPV521_V01 Datasheet HTML 16Page - Texas Instruments LPV521_V01 Datasheet HTML 17Page - Texas Instruments LPV521_V01 Datasheet HTML 18Page - Texas Instruments LPV521_V01 Datasheet HTML 19Page - Texas Instruments LPV521_V01 Datasheet HTML 20Page - Texas Instruments LPV521_V01 Datasheet HTML 21Page - Texas Instruments LPV521_V01 Datasheet HTML 22Page - Texas Instruments LPV521_V01 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
7 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The LPV521 is specified for operation from 1.6V to 5.5V (±0.8V to ±2.25V). Many of the specifications apply
from –40°C to +125°C. The LMV521 features rail-to-rail input and rail-to-rail output swings while consuming only
nanowatts of power. Parameters that exhibit significant variance with regard to operating voltage or temperature
are presented in Section 5.6.
7.1.1 Driving Capacitive Load
The LPV521 is internally compensated for stable unity gain operation, with a 6.2kHz, typical gain bandwidth.
However, the unity gain follower is the most sensitive configuration to capacitive load. The combination of a
capacitive load placed at the output of an amplifier along with the amplifier output impedance creates a phase
lag, which reduces the phase margin of the amplifier. If the phase margin is significantly reduced, the response
is underdamped, and causes peaking in the transfer. When there is too much peaking, the op amp can start
oscillating.
+
-
VIN
RISO
VOUT
CL
Figure 7-1. Resistive Isolation of Capacitive Load
To drive heavy capacitive loads, use an isolation resistor, RISO, as in Figure 7-1. By using this isolation resistor,
the capacitive load is isolated from the amplifier output. The larger the value of RISO, the more stable the
amplifier. If the value of RISO is sufficiently large, the feedback loop is stable, independent of the value of CL.
However, larger values of RISO result in reduced output swing and reduced output current drive.
Table 7-1 shows the recommended minimum RISO values for a 5V supply. Figure 7-2 shows the typical response
obtained with the CL = 50pF and RISO = 154kΩ. The other values of RISO in Table 7-1 are chosen to achieve
similar dampening at the respective capacitive loads. Notice that for the LPV521 with larger a CL, a smaller
RISO can be used for stability. However, for a given CL, a larger RISO provides a more damped response. For
capacitive loads of 20pF and less, no isolation resistor is needed.
Table 7-1. Recommended Minimum RISO Values for a
5V Supply
CL
RISO
0pF to 20pF
Not needed
50pF
154kΩ
100pF
118kΩ
500pF
52.3kΩ
1nF
33.2kΩ
5nF
17.4kΩ
10nF
13.3kΩ
www.ti.com
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com