Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 20 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LPV521_V01 Datasheet HTML 16Page - Texas Instruments LPV521_V01 Datasheet HTML 17Page - Texas Instruments LPV521_V01 Datasheet HTML 18Page - Texas Instruments LPV521_V01 Datasheet HTML 19Page - Texas Instruments LPV521_V01 Datasheet HTML 20Page - Texas Instruments LPV521_V01 Datasheet HTML 21Page - Texas Instruments LPV521_V01 Datasheet HTML 22Page - Texas Instruments LPV521_V01 Datasheet HTML 23Page - Texas Instruments LPV521_V01 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
200 Ps/DIV
VOUT
VIN
VS = 5V
Figure 7-2. Step Response
7.1.2 EMI Suppression
The near-ubiquity of cellular, Bluetooth®, and Wi-Fi® signals and the rapid rise of sensing systems incorporating
wireless radios make electromagnetic interference (EMI) an evermore important design consideration for
precision signal paths. Though RF signals lie outside the op-amp band, RF carrier switching can modulate the
dc offset of the op amp. Also some common RF modulation schemes can induce down-converted components.
The added dc offset and the induced signals are amplified with the signal of interest and thus corrupt the
measurement. The LPV521 uses on-chip filters to reject these unwanted RF signals at the inputs and power
supply pins, thereby preserving the integrity of the precision signal path.
Twisted pair cabling and the active front-end common-mode rejection provide immunity against low-frequency
noise (for example, 60Hz or 50Hz mains) but are ineffective against RF interference. Even a few centimeters of
printed circuit board (PCB) trace and wiring for sensors located close to the amplifier can pick up significant
1GHz RF. The integrated EMI filters of the LPV521 reduce or eliminate external shielding and filtering
requirements, thus increasing system robustness. A larger EMIRR means more rejection of the RF interference.
For more information on EMIRR, see the AN-1698 A Specification for EMI Hardened Operational Amplifiers
application report.
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com