Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 27 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LPV521_V01 Datasheet HTML 23Page - Texas Instruments LPV521_V01 Datasheet HTML 24Page - Texas Instruments LPV521_V01 Datasheet HTML 25Page - Texas Instruments LPV521_V01 Datasheet HTML 26Page - Texas Instruments LPV521_V01 Datasheet HTML 27Page - Texas Instruments LPV521_V01 Datasheet HTML 28Page - Texas Instruments LPV521_V01 Datasheet HTML 29Page - Texas Instruments LPV521_V01 Datasheet HTML 30Page - Texas Instruments LPV521_V01 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (December 2014) to Revision E (July 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added P (PDIP, 8) package and associated content to document..................................................................... 1
• Updated Applications .........................................................................................................................................1
• Updated Package Information table................................................................................................................... 1
• Added missing thermal information for DCK (SC70) package........................................................................... 4
• Moved all Electrical Characteristics tables into one table...................................................................................4
• Updated Electrical Characteristics note 1...........................................................................................................4
• Added missing CMRR test condition for V+ = 5V...............................................................................................4
• Updated common mode voltage range to fix the incorrect conditions................................................................4
• Updated Figure 5-4 and Figure 5-6, TcvOS Distribution, to fix test condition typos........................................... 8
• Changed AOL typical value from "100 dB (100,000 ×, or 10 μV/V)" to "132dB (4000,000 ×, or 0.25μV/V)" in
Feature Description ......................................................................................................................................... 18
Changes from Revision C (February 2013) to Revision D (December 2014)
Page
• Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ............................................................................................................................................................... 1
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com