Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 15 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LPV521_V01 Datasheet HTML 11Page - Texas Instruments LPV521_V01 Datasheet HTML 12Page - Texas Instruments LPV521_V01 Datasheet HTML 13Page - Texas Instruments LPV521_V01 Datasheet HTML 14Page - Texas Instruments LPV521_V01 Datasheet HTML 15Page - Texas Instruments LPV521_V01 Datasheet HTML 16Page - Texas Instruments LPV521_V01 Datasheet HTML 17Page - Texas Instruments LPV521_V01 Datasheet HTML 18Page - Texas Instruments LPV521_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
5.6 Typical Characteristics (continued)
at TJ = 25°C (unless otherwise specified)
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 5V
CL = 20 pF
RL = 1 M
PHASE
GAIN
125°C
85°C
25°C
–40°C
Figure 5-43. Frequency Response vs Temperature
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 1.8V
CL = 20pF
RL = 10M
RL = 100k
RL = 1M
PHASE
GAIN
RL = 10k
Figure 5-44. Frequency Response vs RL
FREQUENCY (Hz)
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 3.3 V
CL = 20 pF
RL = 1 MΩ
PHASE
RL = 10 MΩ
RL = 10 kΩ
RL = 100 kΩ
60
40
20
0
-20
GAIN
Figure 5-45. Frequency Response vs RL
FREQUENCY (Hz)
130
110
90
70
50
30
10
-10
-30
60
40
20
0
-20
100
1k
10k
100k
RL = 10k
RL = 1M
PHASE
GAIN
RL = 100k
VS = 5V
CL = 20pF
RL = 10M
Figure 5-46. Frequency Response vs RL
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
GAIN
PHASE
CL = 50pF
CL = 100pF
CL = 200pF
CL = 20pF
VS = 1.8V
RL = 10M
Figure 5-47. Frequency Response vs CL
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 3.3 V
RL = 10 MΩ
CL = 200 pF
PHASE
GAIN
CL = 20 pF
CL = 100 pF
CL = 50 pF
Figure 5-48. Frequency Response vs CL
www.ti.com
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com