Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 5 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 5 Page - Texas Instruments

  LPV521_V01 Datasheet HTML 1Page - Texas Instruments LPV521_V01 Datasheet HTML 2Page - Texas Instruments LPV521_V01 Datasheet HTML 3Page - Texas Instruments LPV521_V01 Datasheet HTML 4Page - Texas Instruments LPV521_V01 Datasheet HTML 5Page - Texas Instruments LPV521_V01 Datasheet HTML 6Page - Texas Instruments LPV521_V01 Datasheet HTML 7Page - Texas Instruments LPV521_V01 Datasheet HTML 8Page - Texas Instruments LPV521_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5.5 Electrical Characteristics (continued)
at TA = 25°C, V+ = 1.8V, 3.3V, and 5V, V– = 0V, VCM = VO = VS / 2, and RL > 1 MΩ (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE
CMRR
Common-mode rejection
ratio
V– ≤ VCM ≤ V+
V+ = 1.8V
66
92
dB
V+ = 1.8V, TA = –40°C to +125°C
60
V+ = 3.3V
72
97
V+ = 3.3V, TA = –40°C to +125°C
70
V+ = 5V
75
102
V+ = 5V, TA = –40°C to +125°C
74
V– ≤ VCM ≤ V+ – 1.1V
V+ = 1.8V
75
101
V+ = 1.8V, TA = –40°C to +125°C
74
V+ = 3.3V
78
106
V+ = 3.3V, TA = –40°C to +125°C
75
V+ = 5V
84
108
V+ = 5V, TA = –40°C to +125°C
80
V+ – 0.6V ≤ VCM ≤ V+
V+ = 1.8V
75
120
V+ = 1.8V, TA = –40°C to +125°C
53
V+ = 3.3V
77
121
V+ = 3.3V, TA = –40°C to +125°C
76
V+ = 5V
77
115
V+ = 5V, TA = –40°C to +125°C
76
CMVR
Common-mode voltage
range
V+ = 1.8V, CMRR ≥ 67dB,
V+ = 3.3V, CMRR ≥ 72dB,
V+ = 5V, CMRR ≥ 75dB
(V–) – 0.1
(V+) + 0.1
V
TA = –40°C to +125°C,
V+ = 1.8V, CMRR ≥ 60dB,
V+ = 3.3V, CMRR ≥ 70dB,
V+ = 5V, CMRR ≥ 74dB
(V–)
(V+)
V
OPEN-LOOP GAIN
AVOL
Large-signal voltage gain
V– + 0.5V ≤ VO ≤ V+ – 0.5V,
RL = 100kΩ to V+/2
V+ = 1.8V
74
125
dB
V+ = 1.8V, TA = –40°C to +125°C
73
V+ = 3.3V
82
120
V+ = 3.3V, TA = –40°C to +125°C
76
V+ = 5V
84
132
V+ = 5V, TA = –40°C to +125°C
76
FREQUENCY RESPONSE
GBW
Gain bandwidth product
CL = 20pF, RL = 100kΩ
V+ = 1.8V
6.1
kHz
V+ = 3.3V, 5V
6.2
SR
Slew rate
Falling edge, AV = +1,
VIN = V+ to V–
V+ = 1.8V
2.9
V/ms
V+ = 3.3V
2.9
V+ = 5V
1.1
2.7
V+ = 5V, TA = –40°C to +125°C
1.2
Rising edge, AV = +1,
VIN = V– to V+
V+ = 1.8V
2.3
V+ = 3.3V
2.5
V+ = 5V
1.1
2.4
V+ = 5V, TA = –40°C to +125°C
1.2
θm
Phase margin
CL = 20pF, RL = 100kΩ
V+ = 1.8V
72
deg
V+ = 3.3V, 5V
73
Gm
Gain margin
CL = 20pF, RL = 100kΩ
V+ = 1.8V, 3.3V
19
dB
V+ = 5V
20
www.ti.com
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com