Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 2 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 2 Page - Texas Instruments

  LPV521_V01 Datasheet HTML 1Page - Texas Instruments LPV521_V01 Datasheet HTML 2Page - Texas Instruments LPV521_V01 Datasheet HTML 3Page - Texas Instruments LPV521_V01 Datasheet HTML 4Page - Texas Instruments LPV521_V01 Datasheet HTML 5Page - Texas Instruments LPV521_V01 Datasheet HTML 6Page - Texas Instruments LPV521_V01 Datasheet HTML 7Page - Texas Instruments LPV521_V01 Datasheet HTML 8Page - Texas Instruments LPV521_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 3
5.1 Absolute Maximum Ratings........................................ 3
5.2 ESD Ratings............................................................... 3
5.3 Recommended Operating Conditions.........................3
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................4
5.6 Typical Characteristics................................................ 8
6 Detailed Description......................................................18
6.1 Overview................................................................... 18
6.2 Functional Block Diagram......................................... 18
6.3 Feature Description...................................................18
6.4 Device Functional Modes..........................................18
7 Applications and Implementation................................ 19
7.1 Application Information............................................. 19
7.2 Typical Applications.................................................. 21
7.3 Power Supply Recommendations.............................24
7.4 Layout....................................................................... 25
8 Device and Documentation Support............................26
8.1 Device Support......................................................... 26
8.2 Documentation Support............................................ 26
8.3 Receiving Notification of Documentation Updates....26
8.4 Support Resources................................................... 26
8.5 Trademarks...............................................................26
8.6 Electrostatic Discharge Caution................................26
8.7 Glossary....................................................................26
9 Revision History............................................................ 27
10 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Pin Configuration and Functions
5
4
1
3
2
+
-
OUT
V
-
IN+
V
+
IN-
Figure 4-1. DCK Package, 5-Pin SC70 (Top View)
1
NC
8
V+
2
IN–
7
V–
3
IN+
6
OUT
4
NC
5
NC
Not to scale
Figure 4-2. P Package, 8-Pin PDIP (Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
DCK (SC70)
P (PDIP)
IN+
3
3
Input
Noninverting input
IN–
4
2
Input
Inverting input
OUT
1
6
Output
Output
NC
—
1, 4, 5
—
Do not connect
V+
5
8
Power
Positive power supply
V–
2
7
Power
Negative power supply
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com