Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 16 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LPV521_V01 Datasheet HTML 12Page - Texas Instruments LPV521_V01 Datasheet HTML 13Page - Texas Instruments LPV521_V01 Datasheet HTML 14Page - Texas Instruments LPV521_V01 Datasheet HTML 15Page - Texas Instruments LPV521_V01 Datasheet HTML 16Page - Texas Instruments LPV521_V01 Datasheet HTML 17Page - Texas Instruments LPV521_V01 Datasheet HTML 18Page - Texas Instruments LPV521_V01 Datasheet HTML 19Page - Texas Instruments LPV521_V01 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
5.6 Typical Characteristics (continued)
at TJ = 25°C (unless otherwise specified)
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
PHASE
GAIN
CL = 200pF
CL = 100pF
CL = 50pF
VS = 5V
RL = 10M
CL = 20pF
Figure 5-49. Frequency Response vs CL
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
1.8
1.5
2.3
3.1
3.9
4.7
5.5
FALLING EDGE
RISING EDGE
AV = +1
VOUT = VS
Figure 5-50. Slew Rate vs Supply Voltage
FREQUENCY (Hz)
VS = 5V
1
10
100
1k
10k
100
1000
Figure 5-51. Voltage Noise vs Frequency
1s/DIV
15
10
5
0
-5
-10
-15
-2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 4.5 5.5 6.5 7.5
VS = 1.8V
VCM = VS/2
Figure 5-52. 0.1-Hz to 10-Hz Time Domain Voltage Noise
1s/DIV
15
10
5
0
-5
-10
-15
-2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 4.5 5.5 6.5 7.5
VS = 3.3V
VCM = VS/2
Figure 5-53. 0.1-Hz to 10-Hz Time Domain Voltage Noise
1s/DIV
15
10
5
0
-5
-10
-15
-2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 4.5 5.5 6.5 7.5
VS = 5V
VCM = VS/2
Figure 5-54. 0.1-Hz to 10-Hz Time Domain Voltage Noise
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com