Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 18 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LPV521_V01 Datasheet HTML 14Page - Texas Instruments LPV521_V01 Datasheet HTML 15Page - Texas Instruments LPV521_V01 Datasheet HTML 16Page - Texas Instruments LPV521_V01 Datasheet HTML 17Page - Texas Instruments LPV521_V01 Datasheet HTML 18Page - Texas Instruments LPV521_V01 Datasheet HTML 19Page - Texas Instruments LPV521_V01 Datasheet HTML 20Page - Texas Instruments LPV521_V01 Datasheet HTML 21Page - Texas Instruments LPV521_V01 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
6 Detailed Description
6.1 Overview
The LPV521 is fabricated with Texas Instruments' state-of-the-art VIP50 process. This proprietary process
dramatically improves the performance of Texas Instruments' low-power and low-voltage operational amplifiers.
The following sections showcase the advantages of the VIP50 process and highlight circuits that enable ultra-low
power consumption.
6.2 Functional Block Diagram
Figure 6-1. Block Diagram
6.3 Feature Description
The amplifier differential inputs consist of a noninverting input (+IN) and an inverting input (–IN). The amplifier
amplifies only the difference in voltage between the two inputs, which is called the differential input voltage. The
output voltage of the op-amp VOUT is given by Equation 1:
VOUT = AOL (IN+ – IN–)
(1)
where AOL is the open-loop gain of the amplifier, typically around 132dB (4,000,000 ×, or 0.25µV/V).
6.4 Device Functional Modes
6.4.1 Input Stage
The LPV521 has a rail-to-rail input that provides more flexibility for the system designer. Rail-to-rail input is
achieved by using in parallel, one PMOS differential pair and one NMOS differential pair. When the common
mode input voltage (VCM) is near V+, the NMOS pair is on and the PMOS pair is off. When VCM is near V−, the
NMOS pair is off and the PMOS pair is on. When VCM is between V+ and V−, internal logic decides how much
current each differential pair get. This special logic maintains stable and low-distortion amplifier operation within
the entire common-mode voltage range.
Both input stages have an offset voltage (VOS) characteristic; therefore, the offset voltage of the LPV521
becomes a function of VCM. VOS has a crossover point at 1.0V less than V+. See the Input Offset Voltage
vs Input Common Mode curves in the Typical Characteristics. Take care in situations where the input signal
amplitude is comparable to the VOS value or the design requires high accuracy. In these situations, the input
signal must avoid the crossover point. In addition, parameters such as PSRR and CMRR that involve the input
offset voltage are also affected by changes in VCM across the differential-pair transition region.
6.4.2 Output Stage
The LPV521 output voltage swings 3mV from rails at a 3.3V supply, which provides the maximum possible
dynamic range at the output. This feature is particularly important when operating on low supply voltages.
The LPV521 maximum output voltage swing defines the maximum swing possible under a particular output load.
The LPV521 output swings 50mV from the rail at a 5V supply with an output load of 100kΩ.
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com