Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 10 Page - Texas Instruments

Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LPV521_V01 Datasheet HTML 6Page - Texas Instruments LPV521_V01 Datasheet HTML 7Page - Texas Instruments LPV521_V01 Datasheet HTML 8Page - Texas Instruments LPV521_V01 Datasheet HTML 9Page - Texas Instruments LPV521_V01 Datasheet HTML 10Page - Texas Instruments LPV521_V01 Datasheet HTML 11Page - Texas Instruments LPV521_V01 Datasheet HTML 12Page - Texas Instruments LPV521_V01 Datasheet HTML 13Page - Texas Instruments LPV521_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
5.6 Typical Characteristics (continued)
at TJ = 25°C (unless otherwise specified)
VS (V)
150
100
50
0
-50
-100
-150
1
2
3
4
5
6
VCM = VS - 0.3 V
125°C
85°C
25°C
-40°C
Figure 5-13. Input Offset Voltage vs Supply Voltage
VOUT (V)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
VS = 1.8V
125°C
85°C
25°C
-40°C
Figure 5-14. Input Offset Voltage vs Output Voltage
VOUT (V)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS = 3.3 V
125°C
85°C
25°C
-40°C
Figure 5-15. Input Offset Voltage vs Output Voltage
VOUT (V)
150
100
50
0
-50
-100
-150
0.0
1.0
2.0
3.0
4.0
5.0
VS = 5V
125°C
85°C
25°C
-40°C
Figure 5-16. Input Offset Voltage vs Output Voltage
ISOURCE (mA)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
VS = 1.8V
125°C
85°C
25°C
-40°C
Figure 5-17. Input Offset Voltage vs Sourcing Current
ISOURCE (mA)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
VS = 3.3 V
125°C
85°C
25°C
-40°C
Figure 5-18. Input Offset Voltage vs Sourcing Current
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com