Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 43 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 39Page - NXP Semiconductors TDA4887PS Datasheet HTML 40Page - NXP Semiconductors TDA4887PS Datasheet HTML 41Page - NXP Semiconductors TDA4887PS Datasheet HTML 42Page - NXP Semiconductors TDA4887PS Datasheet HTML 43Page - NXP Semiconductors TDA4887PS Datasheet HTML 44Page - NXP Semiconductors TDA4887PS Datasheet HTML 45Page - NXP Semiconductors TDA4887PS Datasheet HTML 46Page - NXP Semiconductors TDA4887PS Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
2001 Oct 19
43
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
handbook, full pagewidth
MHB967
R305
10
Ω
R307
C306
L308
0.22
µH
22
Ω
R319
1 M
Ω
10 k
Ω
R317
R313
270
Ω
R218/H
68
Ω
R118/H
68
Ω
R318/H
68
Ω
C304
2.2 nF
C15
100 nF
TR302
TR301
8 V
R315
150 k
Ω
D303
BAW62
D310
BAV103
D309
BAV103
R316
68 k
Ω
R314
12 k
Ω
2
×
BC546
C10
1.5 nF
C5
1 nF
(2 kV)
C305
1
µF
(100 V)
R205
10
Ω
10 k
Ω
R217
R213
270
Ω
C204
2.2 nF
TR202
TR201
8 V
R215
150 k
Ω
D203
BAW62
R216
68 k
Ω
R214
12 k
Ω
2
×
BC546
C205
1
µF
(100 V)
R105
10
Ω
R13
4.7
Ω
10 k
Ω
R117
R113
270
Ω
C104
2.2 nF
TR102
TR101
8 V
R115
150 k
Ω
D103
BAW62
R116
68 k
Ω
R114
12 k
Ω
2
×
BC546
C105
1
µF
(100 V)
1
µF
(63 V)
R207
C206
L208
0.22
µH
22
Ω
R219
1 M
Ω
D210
BAV103
D209
BAV103
1
2
3
1
µF
(63 V)
C106
1
µF
(63 V)
R107
C14
L108
0.22
µH
22
Ω
R119
1 M
Ω
D110
BAV103
D109
BAV103
2
× 100 nF
C4
47
µF
C8
47
µF
C11
1 nF
(2 kV)
10
95 7 1
LM2435
6
8
11
EHT
Vfoc
N
M
L
K
J
I
H
G
F
E
D
C
B
A
9
5
6
7
8
4
Fig.21 Application board with LM2435 (drawing continued from Fig. 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com