Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 10Page - NXP Semiconductors TDA4887PS Datasheet HTML 11Page - NXP Semiconductors TDA4887PS Datasheet HTML 12Page - NXP Semiconductors TDA4887PS Datasheet HTML 13Page - NXP Semiconductors TDA4887PS Datasheet HTML 14Page - NXP Semiconductors TDA4887PS Datasheet HTML 15Page - NXP Semiconductors TDA4887PS Datasheet HTML 16Page - NXP Semiconductors TDA4887PS Datasheet HTML 17Page - NXP Semiconductors TDA4887PS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
2001 Oct 19
14
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
tdead(I2C)
I2C-bus receiver dead time
after synchronizing vertical
blanking pulse following a
completed I2C-bus buffered
mode transmission
leading edge threshold
VCLI = 1.4 V; note 7
15
−−
µs
tdl5
delay between leading
edges of vertical blanking
input pulse and signal
blanking at signal outputs
VHFB < 0.8 V; input pulse
rising and falling edges
= 50 ns/V; threshold for
vertical blanking with rising
edge VCLI = 1.4 V; threshold
for vertical blanking with
falling edge VCLI =3V;
see Fig.7
−
270
−
ns
tdt5
delay between trailing edges
of vertical blanking input
pulse and signal blanking at
signal outputs
VHFB < 0.8 V; input pulse
falling edge = 50 ns/V;
threshold VCLI = 1.4 V;
see Fig.7
−
115
−
ns
Output clamping and blanking input (HFB; pin 11)
VHFB
output clamping and
blanking input signal
note 9
no blanking, no output
clamping
−0.1
−
+0.8
V
blanking, no output
clamping
2
−
2.6
V
blanking, output clamping
3.5
−
VP
V
IHFB
input current
VHFB = 0.8 V
−−0.4
−µA
pin 11 connected to ground;
note 8
−80
−45
−30
µA
VHFB = −0.1 V; note 8
−250
−135
−100
µA
tW(HFB)
width of output clamping
pulse
VHFB =3V
1
−−
µs
Video signal inputs; channels 1, 2 and 3 (pins 6, 8 and 10)
Vi(n)(b-w)
input voltage; black-to-white
value (pins 6, 8 and 10)
−
0.7
1.0
V
Ii(n)
DC input current
(pins 6, 8 and 10)
no input clamping;
Vi(n) =Vi(n)(clamp);
Tamb = −20 to +70 °C
0.02
0.20
0.35
µA
during input clamping;
Vi(n) =Vi(n)(clamp) ±0.7 V
±350
±420
±500
µA
Signal blanking
α
ct(blank)
crosstalk suppression from
input to output during
blanking
control bit DISV = 1;
f = 80 MHz
20
−−
dB
control bit DISV = 1;
f = 120 MHz
10
−−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com