Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA4887PS Datasheet HTML 1Page - NXP Semiconductors TDA4887PS Datasheet HTML 2Page - NXP Semiconductors TDA4887PS Datasheet HTML 3Page - NXP Semiconductors TDA4887PS Datasheet HTML 4Page - NXP Semiconductors TDA4887PS Datasheet HTML 5Page - NXP Semiconductors TDA4887PS Datasheet HTML 6Page - NXP Semiconductors TDA4887PS Datasheet HTML 7Page - NXP Semiconductors TDA4887PS Datasheet HTML 8Page - NXP Semiconductors TDA4887PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
2001 Oct 19
5
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
VFB/Rn
DAC output voltage range without
brightness control (for black level
restoration) (pins 23, 20 and 17)
control bit FPOL = 1;
control bit BRI = 0
3.95
−
5.75
V
VOSDn(max)
maximum OSD colour signal related to
maximum colour signal
(pins 22, 19 and 16)
maximum OSD contrast;
maximum gain
−
96
−
%
δOC
OSD colour signal related to maximum
OSD colour signal
OSD contrast control from
maximum to minimum
−12
−
0dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com