Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 59 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 55Page - NXP Semiconductors TDA4887PS Datasheet HTML 56Page - NXP Semiconductors TDA4887PS Datasheet HTML 57Page - NXP Semiconductors TDA4887PS Datasheet HTML 58Page - NXP Semiconductors TDA4887PS Datasheet HTML 59Page - NXP Semiconductors TDA4887PS Datasheet HTML 60Page - NXP Semiconductors TDA4887PS Datasheet HTML 61Page - NXP Semiconductors TDA4887PS Datasheet HTML 62Page - NXP Semiconductors TDA4887PS Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
23
FB/R1; feedback
input/reference
voltage output
channel 1
open-circuit base
control bit FPOL = 0
IFB/R1:
−200 to +200 µA
VFB/R1:
5.75 to 2.55 V
control bit FPOL = 1
PIN
SYMBOL AND
DESCRIPTION
CHARACTERISTIC
WAVEFORM
EQUIVALENT CIRCUIT
age
feedback reference 5.75 to 2.55 V
PEDST = 0
PEDST = 1
MHB931
2 I
I
27 I
100
Ω
23
VP
1 k
Ω
5.75 to 2.55 V
5.75 to 2.55 V
Vs1
Vs2
1 k
Ω
1.7 k
Ω
15 k
Ω
15 k
Ω
10
µA
10
µA
MHB930
DC coupling (control bit FPOL = 0): Vs1 = 0; Vs2 =1V; I=0
AC coupling (control bit FPOL = 1): Vs1 =1V; Vs2 = 0; I = 7.5 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com