Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 38 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 34Page - NXP Semiconductors TDA4887PS Datasheet HTML 35Page - NXP Semiconductors TDA4887PS Datasheet HTML 36Page - NXP Semiconductors TDA4887PS Datasheet HTML 37Page - NXP Semiconductors TDA4887PS Datasheet HTML 38Page - NXP Semiconductors TDA4887PS Datasheet HTML 39Page - NXP Semiconductors TDA4887PS Datasheet HTML 40Page - NXP Semiconductors TDA4887PS Datasheet HTML 41Page - NXP Semiconductors TDA4887PS Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
2001 Oct 19
38
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
handbook, full pagewidth
50
Ω
5 k
Ω
0.47
µF
(63 V)
100
pF
100
nF
CLI
VP
VI2
VI1
CLI
50
Ω
5.6
Ω
1 k
Ω
FBL
FBL
VI2
VI3
VI3
SDA
SCL
HFB
GND
VO3
FB/R3
FB/R1
FB/R2
50
Ω
OSD3
OSD3
50
Ω
OSD2
OSD2
50
Ω
OSD1
OSD1
150
pF
10
nF
10 nF
0.47
µF
(63 V)
150
pF
100
nF
5.6
Ω
0.47
µF
(63 V)
150
pF
100
nF
5.6
Ω
0.47
µF
(63 V)
150
pF
100
nF
5.6
Ω
1 k
Ω
J2
5 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
J3
5 k
Ω
J1
50
Ω 150 pF
10 nF
VI1
50
Ω 150 pF
10 nF
10 nF
50
Ω
HFB
LIMAC
SDA
5 V
SCL
50
Ω
50
Ω 150 pF
10 nF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GNDX
VP3
VP1
VP2
VO1
VO2
FB/R1
solder pin
FB/R2
solder pin
FB/R3
solder pin
LIM
TDA4887PS
channel 3
channel 2
channel 1
VPX
3.3
pF
10
k
Ω
VO3
3.3
pF
10
k
Ω
VO2
3.3
pF
10
k
Ω
VO1
VP1 sense
VP sense
VP
GND
VINDC
LIM
5 V
MHB934
Fig.17 Test board utilizing internal positive feedback only (FPOL = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com