Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 7Page - NXP Semiconductors TDA4887PS Datasheet HTML 8Page - NXP Semiconductors TDA4887PS Datasheet HTML 9Page - NXP Semiconductors TDA4887PS Datasheet HTML 10Page - NXP Semiconductors TDA4887PS Datasheet HTML 11Page - NXP Semiconductors TDA4887PS Datasheet HTML 12Page - NXP Semiconductors TDA4887PS Datasheet HTML 13Page - NXP Semiconductors TDA4887PS Datasheet HTML 14Page - NXP Semiconductors TDA4887PS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
2001 Oct 19
11
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
7.9
I2C-bus control
The TDA4887PS contains an I2C-bus receiver for several
control functions:
• Contrast register with control bits BRI, FPOL, DISV and
DISO
• Brightness control with 8-bit DAC
• Contrast control with 8-bit DAC
• OSD contrast control with 4-bit DAC
• Gain control for each channel with 8-bit DAC
• Internal feedback reference and external reference
voltage control for each channel with 8-bit DAC
• Black level for AC coupling with 3-bit DAC
• Depth of pedestal blanking with 2-bit DAC.
After power-up and after internal power-on reset of the
I2C-bus, the registers are set to the following values (for
most applications these settings guarantee a black screen
after power-up):
• Control bit FPOL set to logic 1
• Control bits BRI, DISV and DISO set to logic 0
• All other alignment registers set to logic 0 (minimum
value for control registers).
After an intermediate power dip, all registers are set to
their initial values and an internal Power-on reset bit will be
set with the consequence that the device will give no
acknowledge on the data byte after being first addressed.
The Power-on reset bit will be reset if the control register
is addressed. It is recommended to then refresh all
registers by using the auto-increment function.
7.10
I2C-bus data buffer
7.10.1
BUFFERED MODE
Adjustments via the I2C-bus are synchronized with vertical
blanking pulse at CLI:
• Most significant bit (MSB) of subaddress is set to logic 1
• Only one I2C-bus transmission in buffered mode is
accepted before the start of the vertical blanking pulse;
following transmissions receive no acknowledge
• Received data is stored in one internal 8-bit buffer
• Adjustments will take effect with detection of the first
vertical blanking pulse after the end of the
acknowledged I2C-bus transmission
• Waiting for vertical blanking pulse in buffered mode can
be interrupted by Power-on reset
• Auto-increment is not possible
• Buffered mode should be used for user adjustments
such as contrast, OSD contrast and brightness when a
picture is visible on the monitor.
7.10.2
DIRECT MODE
Adjustments via the I2C-bus take effect immediately:
• Most significant bit (MSB) of subaddress is set to logic 0
• Number of I2C-bus transmissions in direct mode is
unlimited
• Adjustments take effect directly at the end of each
I2C-bus transmission
• Direct mode can be used for all adjustments but large
changes of control values may appear as visual
disturbances in the picture on the monitor
• Auto-increment is possible
• Vertical blanking pulse is not necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com