Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 37 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 33Page - NXP Semiconductors TDA4887PS Datasheet HTML 34Page - NXP Semiconductors TDA4887PS Datasheet HTML 35Page - NXP Semiconductors TDA4887PS Datasheet HTML 36Page - NXP Semiconductors TDA4887PS Datasheet HTML 37Page - NXP Semiconductors TDA4887PS Datasheet HTML 38Page - NXP Semiconductors TDA4887PS Datasheet HTML 39Page - NXP Semiconductors TDA4887PS Datasheet HTML 40Page - NXP Semiconductors TDA4887PS Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
2001 Oct 19
37
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
12 TEST AND APPLICATION INFORMATION
handbook, full pagewidth
to cathode
70 V
Application with integrated
post amplifier, AC-coupled cathode
and black level restoration cicuit.
Application with integrated
post amplifier, DC-coupled cathode
and negative feedback.
24
TDA4887PS
I2C-BUS
BLACK LEVEL
RESTORATION
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
9
15
10
14
11
13
12
output clamping
blanking
pull-up
resistors
to cathode
subcontrast setting
contrast modulation input
90 V
90 V
Application with discrete
post amplifier, DC-coupled
cathode and negative
feedback.
to cathode
limiting input
input clamping
vertical blanking
OSD
inputs
signal inputs
channel 1
channel 2
channel 3
fast blanking
5 V
8 V
MHB933
Fig.16 Basic applications for different kinds of post amplifiers with DC or AC coupling.
12.1
Test board
For high frequency measurements, a special test board
with only a few external components can be built. It utilizes
the internal positive feedback of the output signals during
output clamping with control bit FPOL = 1. Figure 17
shows the test circuit and Figs 18 and 19 show the layout
and mounting of the double-sided printed-circuit board.
Most components are SMD-type. Short HF loops and
minimum crosstalk between channels and between signal
inputs and outputs are achieved by using properly shaped
ground areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com