Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 13Page - NXP Semiconductors TDA4887PS Datasheet HTML 14Page - NXP Semiconductors TDA4887PS Datasheet HTML 15Page - NXP Semiconductors TDA4887PS Datasheet HTML 16Page - NXP Semiconductors TDA4887PS Datasheet HTML 17Page - NXP Semiconductors TDA4887PS Datasheet HTML 18Page - NXP Semiconductors TDA4887PS Datasheet HTML 19Page - NXP Semiconductors TDA4887PS Datasheet HTML 20Page - NXP Semiconductors TDA4887PS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
2001 Oct 19
17
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
Signal outputs; channels 1, 2 and 3 (pins 22; 19 and 16)
Vo(n)(min)
minimum output voltage
level (pins 22, 19 and 16)
0.01
0.05
0.1
V
Vo(n)(max)
maximum output voltage
level (pins 22, 19 and 16)
arbitrary input signals,
contrast, brightness and
gain adjustments; without
load
VP(n) − 2
−
VP(n) − 1V
Io(n)(source)(max)
maximum output source
current (pins 22, 19 and 16)
−15
−−
mA
Ro(n)
output resistance
(pins 22, 19 and 16)
65
75
90
Ω
Vo(n)(b-w)(max)
maximum output voltage
swing (black-to-white value);
channels 1, 2 and 3
(pins 22, 19 and 16)
maximum contrast;
maximum gain;
Vi(n)(b-w) = 0.7 V; RL =2kΩ
4.2
4.6
4.9
V
Io(n)(source)(M)
peak output source current
(pins 22, 19 and 16)
during fast positive signal
transients
−40
−−
mA
Io(n)(sink)(M)
peak output sink current
(pins 22, 19 and 16)
during fast negative signal
transients
−−
20
mA
S/N
signal-to-noise ratio
note 20
48
−−
dB
Frequency response at signal outputs; channels 1, 2 and 3 (pins 22, 19 and 16)
tr(n)
rise time of fast transients
(pins 22, 19 and 16)
input rise time=1ns;
10 to 90% amplitude;
RL =10kΩ; notes 21,
22 and 23;
2.8 V (p-p) signal
amplitude; CL =5pF
−
2.7
3.8
ns
4.5 V (p-p) signal
amplitude; CL =5pF
−
3.2
4.2
ns
4.5 V (p-p) signal
amplitude; CL =11pF
−
3.8
4.5
ns
tf(n)
fall time of fast transients
(pins 22, 19 and 16)
input fall time = 1 ns;
90 to 10% amplitude;
RL =10kΩ; notes 21,
22 and 23;
2.8 V (p-p) signal
amplitude; CL =5pF
−
3.6
4.5
ns
4.5 V (p-p) signal
amplitude; CL =5pF
−
3.6
4.5
ns
4.5 V (p-p) signal
amplitude; CL =11pF
−
56
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com