Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 12Page - NXP Semiconductors TDA4887PS Datasheet HTML 13Page - NXP Semiconductors TDA4887PS Datasheet HTML 14Page - NXP Semiconductors TDA4887PS Datasheet HTML 15Page - NXP Semiconductors TDA4887PS Datasheet HTML 16Page - NXP Semiconductors TDA4887PS Datasheet HTML 17Page - NXP Semiconductors TDA4887PS Datasheet HTML 18Page - NXP Semiconductors TDA4887PS Datasheet HTML 19Page - NXP Semiconductors TDA4887PS Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
2001 Oct 19
16
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
OSD contrast control; see Fig.9 and note 14
δOC
OSD colour signal related to
maximum OSD colour signal
0FH (maximum)
−
0
−
dB
00H (minimum)
−14
−12
−10
dB
Subcontrast adjustment, contrast modulation and beam current limiting (pin 24); see Fig.8 and note 15
VLIM(nom)
nominal input voltage
pin 24 open-circuit
4.7
5.0
5.3
V
VLIM(start)
starting voltage for linear
contrast and OSD contrast
reduction
4.2
4.4
4.8
V
VLIM(stop)
stop voltage for linear
contrast and OSD contrast
reduction
−40 dB below maximum
colour signal (contrast
setting FFH)
1.5
2.0
2.5
V
BLIM
bandwidth of contrast
modulation
−3dB
4
−−
MHz
ILIM(max)
maximum input current
VLIM =0V
−1
−
+1
µA
Brightness control; see Figs 10, 12 and 14 and notes 16 and 17
∆V
bl(n)
difference between video
black level and reference
black level at signal outputs
related to maximum colour
signal
FFH (maximum); BRI = 0
28
33
38
%
40H (nominal); BRI = 0
−2
0
+2
%
00H (minimum); BRI = 0
−12
−10
−8%
∆V
DA(n)
DAC output voltage shift
(pins 23, 20 and 17)
FPOL = 1, see DAC output
voltages for AC coupling or
feedback reference voltage
shift; FPOL = 0, see internal
feedback reference voltage
for DC coupling
FFH (maximum); BRI = 1
−−1.4
−
V
00H (minimum); BRI = 1
−
0
−
V
Gain control; see Fig.11 and note 18
δ
G
video signal related to video
signal at maximum gain
FFH (maximum)
−
0
−
dB
00H (minimum)
−15
−13.5 −12.5
dB
Pedestal blanking; see Fig.5 and note 19
∆V
bl(n)(PED-VID)
difference between pedestal
black level and video black
level at nominal brightness,
measured at signal outputs
(pins 22, 19 and 16) related
to maximum colour signal
03H (maximum)
−12
−13.5 −
%
02H
−8
−9
−
%
01H
−4
−4.5
−
%
00H (minimum)
−
0
−
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com