Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 29Page - NXP Semiconductors TDA4887PS Datasheet HTML 30Page - NXP Semiconductors TDA4887PS Datasheet HTML 31Page - NXP Semiconductors TDA4887PS Datasheet HTML 32Page - NXP Semiconductors TDA4887PS Datasheet HTML 33Page - NXP Semiconductors TDA4887PS Datasheet HTML 34Page - NXP Semiconductors TDA4887PS Datasheet HTML 35Page - NXP Semiconductors TDA4887PS Datasheet HTML 36Page - NXP Semiconductors TDA4887PS Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
2001 Oct 19
33
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
Table 3
Subaddress byte format
Notes
1. The most significant bit (MSB) of the subaddress enables an I2C-bus transmission in direct or in buffered mode
(see note 3). Subaddresses outside the ranges 00H to 0FH and 80H to 8FH are not used.
2. Subaddress bit.
3. Most significant bit of subaddress byte. I2C-bus transmission in direct mode: B = 0. I2C-bus transmission in
buffered mode: B = 1.
FUNCTION
SUBADDRESS(1)
SUBADDRESS BYTE
DIRECT
MODE
BUFFERED
MODE
S7(2) S6(2) S5(2) S4(2) S3(2) S2(2) S1(2) S0(2)
Control register
00H
80H
B(3)
0000000
Brightness control
01H
81H
B(3)
0000001
Contrast control
02H
82H
B(3)
0000010
OSD contrast control
03H
83H
B(3)
0000011
Gain control channel 1
04H
84H
B(3)
0000100
Gain control channel 2
05H
85H
B(3)
0000101
Gain control channel 3
06H
86H
B(3)
0000110
Black level reference channel 1
07H
87H
B(3)
0000111
Black level reference channel 2
08H
88H
B(3)
0001000
Black level reference channel 3
09H
89H
B(3)
0001001
Black level for AC coupling
0AH
8AH
B(3)
0001010
Depth of pedestal blanking
0BH
8BH
B(3)
0001011
0CH to 0FH 8CH to 8FH
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com