Electronic Components Datasheet Search
  English  ▼

X  

TDA4887PS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 8Page - NXP Semiconductors TDA4887PS Datasheet HTML 9Page - NXP Semiconductors TDA4887PS Datasheet HTML 10Page - NXP Semiconductors TDA4887PS Datasheet HTML 11Page - NXP Semiconductors TDA4887PS Datasheet HTML 12Page - NXP Semiconductors TDA4887PS Datasheet HTML 13Page - NXP Semiconductors TDA4887PS Datasheet HTML 14Page - NXP Semiconductors TDA4887PS Datasheet HTML 15Page - NXP Semiconductors TDA4887PS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
2001 Oct 19
12
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. No external voltages.
2. Equivalent to discharging a 200 pF capacitor via a 0.75
µH inductance (“SNW-FQ-302B”).
3. Equivalent to discharging a 100 pF capacitor via a 1500
Ω series resistor (“SNW-FQ-302A”).
9
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage (pin 7)
0
8.8
V
VP(n)
supply voltage; channels 1, 2 and 3
(pins 21, 18 and 15)
0
8.8
V
Vi(n)
input voltage; channels 1, 2 and 3
(pins 6, 8 and 10)
−0.1
VP
V
Vext
external DC voltage applied to
pins 1 to 4
−0.1
VP
V
pins 5 and 11
−0.1
VP + 0.7
V
pins 12 and 13
−0.1
VP
V
pins 23, 20 and 17
−0.1
VP + 0.7
V
pins 22, 19 and 16
note 1
note 1
pin 24
−0.1
VP
V
Io(n)(av)
average output current; channels 1, 2 and 3
(pins 22, 19 and 16)
−
20
mA
Io(n)(M)
peak output current channels 1, 2 and 3
(pins 22, 19 and 16)
−
50
mA
Ptot
total power dissipation
−
1400
mW
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
−20
+70
°C
Tj
junction temperature
−25
+150
°C
VESD
electrostatic handling voltage for all pins
machine model
note 2
−250
+250
V
human body model
note 3
−3000
+3000
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
55
K/W
Rth(j-c)
thermal resistance from junction to case
5
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com