Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 342 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 338Page - Renesas Technology Corp H838024 Datasheet HTML 339Page - Renesas Technology Corp H838024 Datasheet HTML 340Page - Renesas Technology Corp H838024 Datasheet HTML 341Page - Renesas Technology Corp H838024 Datasheet HTML 342Page - Renesas Technology Corp H838024 Datasheet HTML 343Page - Renesas Technology Corp H838024 Datasheet HTML 344Page - Renesas Technology Corp H838024 Datasheet HTML 345Page - Renesas Technology Corp H838024 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 300 of 652
REJ09B0042-0700
9.6
Watchdog Timer
9.6.1
Overview
The watchdog timer has an 8-bit counter that is incremented by an input clock. If a system
runaway allows the counter value to overflow before being rewritten, the watchdog timer can reset
the chip internally. Note that stabilization times for the H8/38024, H8/38024S, and H8/38024R
Group and for the H8/38124 Group are different.
Features
Features of the watchdog timer are given below.
• Incremented by internal clock source (φ/8192 or φw/32) on the H8/38024, H8/38024S, and
H8/38024R Group.
• On the H8/38124 Group, 10 internal clocks (φ/64, φ/128, φ/256, φ/512, φ/1024, φ/2048,
φ/4096, φ/8192, φw/32, or watchdog on-chip oscillator) are available for selection for use by
the counter.
• A reset signal is generated when the counter overflows. The overflow period can be set from 1
to 256 times the selected clock (from approximately 4 ms to 1,000 ms when
φ = 2.00 MHz).
• Use of module standby mode enables this module to be placed in standby mode independently
when not used. See section 5.9, Module Standby Mode, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com