Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 341Page - Renesas Technology Corp H838024 Datasheet HTML 342Page - Renesas Technology Corp H838024 Datasheet HTML 343Page - Renesas Technology Corp H838024 Datasheet HTML 344Page - Renesas Technology Corp H838024 Datasheet HTML 345Page - Renesas Technology Corp H838024 Datasheet HTML 346Page - Renesas Technology Corp H838024 Datasheet HTML 347Page - Renesas Technology Corp H838024 Datasheet HTML 348Page - Renesas Technology Corp H838024 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 303 of 652
REJ09B0042-0700
9.6.2
Register Descriptions
Timer Control/Status Register W (TCSRW)
Bit
Initial value
Read/Write
7
B6WI
1
R
6
TCWE
0
(R/W)*1
5
B4WI
1
R
4
TCSRWE
0
(R/W)*1
3
B2WI
1
R
0
WRST
0
(R/W)*1
2
WDON
0/1*2
(R/W)*1
1
B0WI
1
R
Notes: 1. Write is enabled only under certain conditions, which are given in the descriptions
of the individual bits.
2. Initial value is 0 on H8/38024, H8/38024S, and H8/38024R Group; initial value
is 1 on H8/38124 Group.
TCSRW is an 8-bit read/write register that controls write access to TCW and TCSRW itself,
controls watchdog timer operations, and indicates operating status.
Bit 7—Bit 6 Write Disable (B6WI)
Bit 7 controls the writing of data to bit 6 in TCSRW.
Bit 7
B6WI
Description
0
Bit 6 is write-enabled
1
Bit 6 is write-protected
(initial value)
This bit is always read as 1. Data written to this bit is not stored.
Bit 6—Timer Counter W Write Enable (TCWE)
Bit 6 controls the writing of data to TCW.
Bit 6
TCWE
Description
0
Data cannot be written to TCW
(initial value)
1
Data can be written to TCW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com