Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 344Page - Renesas Technology Corp H838024 Datasheet HTML 345Page - Renesas Technology Corp H838024 Datasheet HTML 346Page - Renesas Technology Corp H838024 Datasheet HTML 347Page - Renesas Technology Corp H838024 Datasheet HTML 348Page - Renesas Technology Corp H838024 Datasheet HTML 349Page - Renesas Technology Corp H838024 Datasheet HTML 350Page - Renesas Technology Corp H838024 Datasheet HTML 351Page - Renesas Technology Corp H838024 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 306 of 652
REJ09B0042-0700
Timer Counter W (TCW)
Bit
Initial value
Read/Write
7
TCW7
0
R/W
6
TCW6
0
R/W
5
TCW5
0
R/W
4
TCW4
0
R/W
3
TCW3
0
R/W
0
TCW0
0
R/W
2
TCW2
0
R/W
1
TCW1
0
R/W
For the H8/38024, H8/38024S, and H8/38024R groups, the clock source is
φ/8,192 or φw/32. For
the H8/38124 group, the clock source is selected based on the timer mode register (TMW) setting
if WDCKS is 0 and is
φw/32 if WDCKS is 1.
When TCW overflows from H'FF to H'00, an internal reset signal is generated and WRST is set to
1 in TCSRW. Upon reset, TCW is initialized to H'00.
Timer Mode Register (TMW)
Bit
7
65
43
21
0
—
—
—
—
CKS3
CKS2
CKS1
CKS0
Initial value
1
1
1
1
1
1
1
1
Read/Write
—
—
—
—
R/W
R/W
R/W
R/W
The TMW register is only implemented on the H8/38124. The input clock is selected using
combinations of CKS3 to CKS0.
Bits 7 to 4—Reserved
These bits are always read as 1.
Bits 3 to 0—Clock Select (CKS3 to CKS0)
These bits are used to select the clock input to TCW from among 10 internal options. Clock source
selection using this register is enabled when WDCKS in port mode register 2 (PMR2) is cleared to
0. If WDCKS is set to 1 the
φw/32 clock source is selected, regardless of the settings of the bits in
this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com