Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 343Page - Renesas Technology Corp H838024 Datasheet HTML 344Page - Renesas Technology Corp H838024 Datasheet HTML 345Page - Renesas Technology Corp H838024 Datasheet HTML 346Page - Renesas Technology Corp H838024 Datasheet HTML 347Page - Renesas Technology Corp H838024 Datasheet HTML 348Page - Renesas Technology Corp H838024 Datasheet HTML 349Page - Renesas Technology Corp H838024 Datasheet HTML 350Page - Renesas Technology Corp H838024 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 305 of 652
REJ09B0042-0700
Bit 2
WDON
Description
0
Watchdog timer operation is disabled
(initial value)*
Clearing conditions:
Reset, or when TCSRWE is set to 1 and 0 is written to B2WI and WDON. Note that
a reset clears WDON to 0 on the H8/38024, H8/38024S, and H8/38024R Group, but
sets WDON to 1 on the H8/38124 Group.
Note: * Initial value is 0 on H8/38024, H8/38024S, and H8/38024R Group; initial
value is 1 on H8/38124 Group.
1
Watchdog timer operation is enabled
Setting condition:
When TCSRWE is set to 1 and 0 is written to B2WI and 1 is written to WDON
Counting starts when this bit is set to 1, and stops when this bit is cleared to 0.
Bit 1—Bit 0 Write Inhibit (B0WI)
Bit 1 controls the writing of data to bit 0 in TCSRW.
Bit 1
B0WI
Description
0
Bit 0 is write-enabled
1
Bit 0 is write-protected
(initial value)
This bit is always read as 1. Data written to this bit is not stored.
Bit 0—Watchdog Timer Reset (WRST)
Bit 0 indicates that TCW has overflowed, generating an internal reset signal. The internal reset
signal generated by the overflow resets the entire chip. WRST is cleared to 0 by a reset from the
RES pin, or when software writes 0.
Bit 0
WRST
Description
0
Clearing conditions:
Reset by
RES pin
When TCSRWE = 1, and 0 is written in both BOWI and WRST
1
Setting condition:
When TCW overflows and an internal reset signal is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com