Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 346Page - Renesas Technology Corp H838024 Datasheet HTML 347Page - Renesas Technology Corp H838024 Datasheet HTML 348Page - Renesas Technology Corp H838024 Datasheet HTML 349Page - Renesas Technology Corp H838024 Datasheet HTML 350Page - Renesas Technology Corp H838024 Datasheet HTML 351Page - Renesas Technology Corp H838024 Datasheet HTML 352Page - Renesas Technology Corp H838024 Datasheet HTML 353Page - Renesas Technology Corp H838024 Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 308 of 652
REJ09B0042-0700
Port Mode Register 2 (PMR2)
Bit
7
65
43
21
0
—
—
POF1
—
—
WDCKS
NCS
IRQ0
Initial value
1
1
0
1
1
0
0
0
Read/Write
—
—
R/W
—
—
R/W
R/W
R/W
PMR2 is an 8-bit read/write register, mainly controlling the selection of pin functions for port 2.
Only the bit relating to the watchdog timer is described here. For details of the other bits, see
section 8, I/O Ports.
Bit 2—Watchdog Timer Source Clock Select (WDCKS)
This bit selects the watchdog timer source clock. Note that stabilization times for the H8/38024,
H8/38024S, and H8/38024R Group and for the H8/38124 Group are different.
• H8/38024, H8/38024S, H8/38024R Group
WDCKS
Description
0
φ/8192 selected
(initial value)
1
φw/32 selected
• H8/38124 Group
WDCKS
Description
0
Selects clock based on timer mode register W (TMW) setting
(initial value)
1
φw/32 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com