| Electronic Components Datasheet Search |
|
H838024 Datasheet(PDF) 340 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024 Datasheet(HTML) 340 Page - Renesas Technology Corp |
|
340 / 697 page ![]() Section 9 Timers Rev. 7.00 Mar 10, 2005 page 298 of 652 REJ09B0042-0700 When the pin function is switched and an edge is generated in the input capture input signal, if this edge matches the edge selected by the input capture interrupt select (IIEGS) bit, the interrupt request flag will be set to 1. The interrupt request flag should therefore be cleared to 0 before use. Figure 9.15 shows the procedure for port mode register manipulation and interrupt request flag clearing. When switching the pin function, set the interrupt-disabled state before manipulating the port mode register, then, after the port mode register operation has been performed, wait for the time required to confirm the input capture input signal as an input capture signal (at least two system clocks when the noise canceler is not used; at least five sampling clocks when the noise canceler is used), before clearing the interrupt enable flag to 0. There are two ways of preventing interrupt request flag setting when the pin function is switched: by controlling the pin level so that the conditions shown in tables 9.14 and 9.15 are not satisfied, or by setting the opposite of the generated edge in the IIEGS bit in TMG. Set I bit in CCR to 1 Manipulate port mode register *TMIG confirmation time Clear interrupt request flag to 0 Clear I bit in CCR to 0 Disable interrupts. (Interrupts can also be disabled by manipulating the interrupt enable bit in interrupt enable register 2.) After manipulating the port mode register, wait for the TMIG confirmation time* (at least two system clocks when the noise canceler is not used; at least five sampling clocks when the noise canceler is used), then clear the interrupt enable flag to 0. Enable interrupts Figure 9.15 Port Mode Register Manipulation and Interrupt Enable Flag Clearing Procedure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |