Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 332Page - Renesas Technology Corp H838024 Datasheet HTML 333Page - Renesas Technology Corp H838024 Datasheet HTML 334Page - Renesas Technology Corp H838024 Datasheet HTML 335Page - Renesas Technology Corp H838024 Datasheet HTML 336Page - Renesas Technology Corp H838024 Datasheet HTML 337Page - Renesas Technology Corp H838024 Datasheet HTML 338Page - Renesas Technology Corp H838024 Datasheet HTML 339Page - Renesas Technology Corp H838024 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 294 of 652
REJ09B0042-0700
Timer G Operation Modes
Timer G operation modes are shown in table 9.12.
Table 9.12
Timer G Operation Modes
Operation Mode
Reset Active
Sleep
Watch
Subactive Subsleep Standby
Module
Standby
TCG
Input capture
Reset
Functions* Functions* Functions/
halted*
Functions/
halted*
Functions/
halted*
Halted
Halted
Interval
Reset
Functions* Functions* Functions/
halted*
Functions/
halted*
Functions/
halted*
Halted
Halted
ICRGF
Reset
Functions* Functions* Functions/
halted*
Functions/
halted*
Functions/
halted*
Retained Retained
ICRGR
Reset
Functions* Functions* Functions/
halted*
Functions/
halted*
Functions/
halted*
Retained Retained
TMG
Reset
Functions
Retained
Retained
Functions
Retained
Retained Retained
Note: * When
φw/4 is selected as the TCG internal clock in active mode or sleep mode, since the
system clock and internal clock are mutually asynchronous, synchronization is maintained
by a synchronization circuit. This results in a maximum count cycle error of 1/
φ(s). When
φw/4 is selected as the TCG internal clock in watch mode, TCG and the noise canceler
operate on the
φw/4 internal clock without regard to the φ
SUB subclock (
φw/8, φw/4, φw/2).
Note that when another internal clock is selected, TCG and the noise canceler do not
operate, and input of the input capture input signal does not result in input capture.
To operate the timer G in subactive mode or subsleep mode, select
φw/4 as the TCG
internal clock and
φw/2 as the subclock φ
SUB. Note that when other internal clock is
selected, or when
φw/8 or φw/4 is selected as the subclock φ
SUB, TCG and the noise
canceler do not operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com