Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 329Page - Renesas Technology Corp H838024 Datasheet HTML 330Page - Renesas Technology Corp H838024 Datasheet HTML 331Page - Renesas Technology Corp H838024 Datasheet HTML 332Page - Renesas Technology Corp H838024 Datasheet HTML 333Page - Renesas Technology Corp H838024 Datasheet HTML 334Page - Renesas Technology Corp H838024 Datasheet HTML 335Page - Renesas Technology Corp H838024 Datasheet HTML 336Page - Renesas Technology Corp H838024 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 291 of 652
REJ09B0042-0700
b. Interval timer operation
When the TMIG bit in PMR1 is cleared to 0, timer G functions as an interval timer.
Following a reset, TCG starts counting on the
φ/64 internal clock. The input clock can be
selected from four internal clock sources by bits CKS1 and CKS0 in TMG. TCG increments
on the selected clock, and when it overflows from H'FF to H'00, the OVFL bit in TMG is set
to 1. If the OVIE bit in TMG is 1 at this time, IRRTG in IRR2 is set to 1, and if the IENTG bit
in IENR2 is 1, timer G sends an interrupt request to the CPU. For details of the interrupt, see
section 3.3, Interrupts.
Count Timing
TCG is incremented by internal clock input. Bits CKS1 and CKS0 in TMG select one of four
internal clock sources (
φ/64, φ/32, φ/2, or φw/4) created by dividing the system clock (φ) or watch
clock (
φw).
Input Capture Input Timing
a. Without noise cancellation function
For input capture input, dedicated input capture functions are provided for rising and falling
edges.
Figure 9.11 shows the timing for rising/falling edge input capture input.
Input capture
input signal
Input capture
signal F
Input capture
signal R
Figure 9.11 Input Capture Input Timing (without Noise Cancellation Function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com