Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 325Page - Renesas Technology Corp H838024 Datasheet HTML 326Page - Renesas Technology Corp H838024 Datasheet HTML 327Page - Renesas Technology Corp H838024 Datasheet HTML 328Page - Renesas Technology Corp H838024 Datasheet HTML 329Page - Renesas Technology Corp H838024 Datasheet HTML 330Page - Renesas Technology Corp H838024 Datasheet HTML 331Page - Renesas Technology Corp H838024 Datasheet HTML 332Page - Renesas Technology Corp H838024 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 287 of 652
REJ09B0042-0700
Bits 1 and 0—Clock Select (CKS1, CKS0)
Bits 1 and 0 select the clock input to TCG from among four internal clock sources.
Bit 1
CKS1
Bit 0
CKS0
Description
0
0
Internal clock: counting on
φ/64
(initial value)
0
1
Internal clock: counting on
φ/32
1
0
Internal clock: counting on
φ/2
1
1
Internal clock: counting on
φw/4
Clock Stop Register 1 (CKSTPR1)
TFCKSTP TCCKSTP TACKSTP
S32CKSTP ADCKSTP TGCKSTP
7
6
543210
1
1111111
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
Read/Write:
CKSTPR1 is an 8-bit read/write register that performs module standby mode control for peripheral
modules. Only the bit relating to timer G is described here. For details of the other bits, see the
sections on the relevant modules.
Bit 3—Timer G Module Standby Mode Control (TGCKSTP)
Bit 3 controls setting and clearing of module standby mode for timer G.
TGCKSTP
Description
0
Timer G is set to module standby mode
1
Timer G module standby mode is cleared
(initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com